データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZX585-C36 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 BZX585-C36
部品情報  Voltage regulator diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX585-C36 データシート(HTML) 3 Page - NXP Semiconductors

  BZX585-C36 Datasheet HTML 1Page - NXP Semiconductors BZX585-C36 Datasheet HTML 2Page - NXP Semiconductors BZX585-C36 Datasheet HTML 3Page - NXP Semiconductors BZX585-C36 Datasheet HTML 4Page - NXP Semiconductors BZX585-C36 Datasheet HTML 5Page - NXP Semiconductors BZX585-C36 Datasheet HTML 6Page - NXP Semiconductors BZX585-C36 Datasheet HTML 7Page - NXP Semiconductors BZX585-C36 Datasheet HTML 8Page - NXP Semiconductors BZX585-C36 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2004 Jun 22
3
Philips Semiconductors
Product specification
Voltage regulator diodes
BZX585 series
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Device mounted on an FR4 printed-circuit board with approximately 35 mm2 Cu area at cathode tab.
Marking codes for BZX585-C2V4 to BZX585-C75
BZX585-C2V4
F1
BZX585-C6V2
H1
BZX585-C16
HA
BZX585-C43
HM
BZX585-C2V7
F2
BZX585-C6V8
H2
BZX585-C18
HB
BZX585-C47
HN
BZX585-C3V0
F3
BZX585-C7V5
H3
BZX585-C20
HC
BZX585-C51
HP
BZX585-C3V3
F4
BZX585-C8V2
H4
BZX585-C22
HD
BZX585-C56
HR
BZX585-C3V6
F5
BZX585-C9V1
H5
BZX585-C24
HE
BZX585-C62
HS
BZX585-C3V9
F6
BZX585-C10
H6
BZX585-C27
HF
BZX585-C68
HT
BZX585-C4V3
F7
BZX585-C11
H7
BZX585-C30
HG
BZX585-C75
HU
BZX585-C4V7
F8
BZX585-C12
H8
BZX585-C33
HH
BZX585-C5V1
F9
BZX585-C13
H9
BZX585-C36
HK
BZX585-C5V6
F0
BZX585-C15
H0
BZX585-C39
HL
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BZX585-B2V4
to
BZX585-B75
Plastic surface mounted package; 2 leads
SOD523
BZX585-C2V4
to
BZX585-C75
Plastic surface mounted package; 2 leads
SOD523
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IF
continuous forward current
200
mA
IZSM
non-repetitive peak reverse
current
tp = 100 µs; square wave;
Tamb =25 °C prior to surge
see Tables 1 and 2
PZSM
non-repetitive peak reverse
power dissipation
tp = 100 µs; square wave;
Tamb =25 °C prior to surge
40
W
Ptot
total power dissipation
Tamb =25 °C; note 1
300
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE


同様の部品番号 - BZX585-C36

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BZX585-C36 NXP-BZX585-C36 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
logo
Nexperia B.V. All right...
BZX585-C36 NEXPERIA-BZX585-C36 Datasheet
307Kb / 13P
   Voltage regulator diodes
Rev. 6 - 4 December 2020
BZX585-C36 NEXPERIA-BZX585-C36 Datasheet
901Kb / 13P
   Voltage regulator diodes
Rev. 5 - 11 October 2016
More results

同様の説明 - BZX585-C36

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com