データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM8Z14A データシート(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

部品番号 SM8Z14A
部品情報  Surface Mount Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
ホームページ  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SM8Z14A データシート(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SM8Z14A Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SM8Z14A Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SM8Z14A Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Surface Mount Transient Voltage Suppressors
SM8Z Series 14 To 43 V 6600W
Part Number
Stand-Off
Voltage
VMW
(V)
Breakdown
Voltage
VBR
(V)
Test
Current
IT
(mA)
Maximum
Reverse
Leakage I R
@V RWM (uA)
Maximum
I R @V RWM
T J =175
(uA)
Maximum
Reverse
Surge
Current I PP
(A)
(1)
Maximum
Clamping
Voltage
V C @I PP (V)
MIN.
MAX.
SM8Z14A
14
SM8Z15A
16.70
18.50 5 10
150 15
270.0 24.4
SM8Z16A
17.80
19.70 5 10
150 16
254.0 26.0
SM8Z17A
18.90
20.90 5 10
150 17
239.0 27.6
SM8Z18A
20.00
22.10 5 10
150 18
226.0 29.2
SM8Z20A
22.20
24.50 5 10
150 20
204.0 32.4
SM8Z22A
24.40
26.90 5 10
150 22
186.0 35.5
SM8Z24A
26.70
29.50 5 10
150 24
170.0 38.9
SM8Z26A
28.90
31.90 5 10
150 26
157.0 42.1
SM8Z28A
31.10
34.40 5 10
150 33
15.60
17.20 5
10 150
14
284.0
23.2
SM8Z1
5A
16.70
18.50 5
10 150
15
270.0
24.4
SM8Z1
6A
17.80
19.70 5
10 150
16
254.0
26.0
SM8Z1
7A
18.90
20.90 5
10 150
17
239.0
27.6
SM8Z1
8A
20.00
22.10 5
10 150
18
226.0
29.2
SM8Z2
0A
22.20
24.50 5
10 150
20
SM8Z2
17.20
5.0
10
150
284.0
23.2
SM8Z15A
15
16.70
18.50
5.0
10
150
270.0
24.4
SM8Z16A
16
17.80
19.70
5.0
10
150
254.0
26.0
SM8Z17A
17
18.90
20.90
5.0
10
150
239.0
27.6
SM8Z18A
18
20.00
22.10
5.0
10
150
226.0
29.2
SM8Z20A
20
22.20
24.50
5.0
10
150
204.0
32.4
SM8Z22A
22
24.40
26.90
5.0
10
150
186.0
35.5
SM8Z24A
24
26.70
29.50
5.0
10
150
170.0
38.9
SM8Z26A
26
28.90
31.90
5.0
10
150
157.0
42.1
SM8Z28A
28
31.10
34.40
5.0
10
150
145.0
45.4
SM8Z30A
30
33.30
36.80
5.0
10
150
136.0
48.4
SM8Z33A
33
36.70
40.60
5.0
10
150
124.0
53.3
SM8Z36A
36
40.00
44.20
5.0
10
150
114.0
58.1
SM8Z40A
40
44.40
49.10
5.0
10
150
102.0
64.5
SM8Z43A
43
47.80
52.80
5.0
10
150
95.1
69.4
NOTE: Surge current waveform is defined at 10/1000uS waveform
Electrical Characteristics (@ 25℃ Unless Otherwise Specified )
Ratings and Characteristics Curves (T A =25℃ unless otherwise noted)
Figure 1
– Power Derating Curve
Figure 2 - Load Dump Power Characteristics
(10 ms Exponential Waveform)
www.yfwdiode.com


同様の部品番号 - SM8Z14A

メーカー部品番号データシート部品情報
logo
Shenzhen Luguang Electr...
SM8Z14A LUGUANG-SM8Z14A Datasheet
5Mb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
logo
Anova Technologies CO.,...
SM8Z14A ANOVA-SM8Z14A Datasheet
824Kb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SM8Z14A UNSEMI-SM8Z14A Datasheet
3Mb / 5P
   Surface Mount Transient Voltage Suppressors 10 To 43 V 6600W
Revision March 1,2022
More results

同様の説明 - SM8Z14A

メーカー部品番号データシート部品情報
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com