データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5608DHMPX データシート(PDF) 9 Page - Fairchild Semiconductor

部品番号 FAN5608DHMPX
部品情報  Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5608DHMPX データシート(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5608DHMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 9Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 10Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 11Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 12Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
FAN5608
PRODUCT SPECIFICATION
REV. 1.0.3 6/28/04
9
The current feeding the string of LEDs is the sum of the cur-
rents programmed for each branch in digital or analog mode.
Using all four inputs in digital mode, the LED current can be
programmed within the 0 to 40 mA range, according to the
following table :
PCB Layout Consideration
The FAN5608 is available in both a single Die Attach Pad
(DAP) and a dual DAP package. In the single DAP package,
DAP is connected to GND. In the dual DAP package, one
DAP is connected to GND and another to VOUT, therefore it
is not necessary to provide any external connection to the
DAPs. Since the internal power dissipation is low, both the
3x3mm and 4x4mm MLP packages are capable of dissipat-
ing maximum power, without providing any PCB land pat-
tern. When viewing the bottom of the package of a single
DAP device, a single exposed metal island can be seen; when
viewing the bottom of the package of a dual DAP device,
two electrically isolated exposed metal islands can be seen.
Input A1 Input B1 Input A2 Input B2 ILED (mA)
0
000
0
1
000
5
0
010
5
0
100
10
0
001
10
1
010
10
1
001
15
0
110
15
0
101
20
1
100
20
0
011
20
1
110
25
1
011
25
1
101
30
0
111
30
1
111
40


同様の部品番号 - FAN5608DHMPX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5608DHMPX FAIRCHILD-FAN5608DHMPX Datasheet
365Kb / 13P
   Serial / Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
More results

同様の説明 - FAN5608DHMPX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5608 FAIRCHILD-FAN5608_06 Datasheet
365Kb / 13P
   Serial / Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
FAN5606 FAIRCHILD-FAN5606 Datasheet
112Kb / 9P
   Serial LED Driver with Current-Regulated, Step-Up DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
   Step-up DC/DC converter white LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
   Step-up DC-DC Converter & White LED Driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
   Step-up DC/DC converter White LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com