データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EZPE50106LTA データシート(PDF) 3 Page - Panasonic Semiconductor

部品番号 EZPE50106LTA
部品情報  Plastic Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZPE50106LTA データシート(HTML) 3 Page - Panasonic Semiconductor

  EZPE50106LTA Datasheet HTML 1Page - Panasonic Semiconductor EZPE50106LTA Datasheet HTML 2Page - Panasonic Semiconductor EZPE50106LTA Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Plastic Film Capacitors
Rated voltage : 800 V.DC at 70 °C (700 V.DC at 85 °C)
Rated voltage : 1100 V.DC at 70 °C (920 V.DC at 85 °C)
Rated voltage : 1300 V.DC at 70 °C (1100 V.DC at 85 °C)
✽1 : When rising temperature of capacitor surface by continuous peak current (included pulse current),
use within limit specified for temperature of capacitor surface and self heating temperature rise.
✽2 : Maximum RMS current @70 °C, 10 kHz
Use within limit for self heating temperature rise at capacitor surface.
✽3 : Typical values @ 20 °C, 10 kHz ESR : less than 2.5×ESR typ
✽4 : Maximum dissipation factor @ 20 °C, 1 kHz
✽5 : Minimum order quantity consists of 4 packing units.
Part No.
Cap.
CR
(μF)
Dimensions (mm)
dv/dt
[V/μs]
Permissible
current
ESR typ ✽
3
(m
Ω)
tan
d
✽4
(%)
Mass
(g)
Min.
order
Q'ty
5
(pcs)
WH
LP1
P2
f
Peak
Current
1
(Ao-p)
RMS
Current
2
(Arms)
EZPE80106LTA
10
20
42
41.5 37.5
1.2
22
220
7
15.8
0.22
44
600
EZPE80156MTA
15
20
42
41.5 37.5 10.2
1.2
22
330
9
10.5
0.22
43
EZPE80206MTA
20
30
51
41.5 37.5 10.2
1.2
22
440
11
7.7
0.22
82
400
EZPE80256MTA
25
30
51
41.5 37.5 10.2
1.2
22
550
13
6.8
0.22
80
EZPE80306MTA
30
30
51
41.5 37.5 20.3
1.2
22
660
15
5.3
0.22
78
EZPE80356MTA
35
30
51
57.5 52.5 10.2
1.2
15
525
12
9.7
0.33
110
200
EZPE80406MTA
40
30
51
57.5 52.5 20.3
1.2
15
600
13
8.3
0.33
107
EZPE80456MTA
45
30
51
57.5 52.5 20.3
1.2
15
675
14
7.0
0.33
104
EZPE80506MTA
50
35
56
57.5 52.5 20.3
1.2
15
750
15
6.3
0.33
140
EZPE80556MTA
55
35
56
57.5 52.5 20.3
1.2
15
825
16
5.9
0.33
138
EZPE80606MTA
60
35
56
57.5 52.5 20.3
1.2
15
900
17
5.6
0.33
136
Part No.
Cap.
CR
(μF)
Dimensions (mm)
dv/dt
[V/μs]
Permissible
current
ESR typ ✽
3
(m
Ω)
tan
d
✽4
(%)
Mass
(g)
Min.
order
Q'ty
5
(pcs)
WH
LP1
P2
f
Peak
Current
1
(Ao-p)
RMS
Current
2
(Arms)
EZPE1B106MTA 10
20
42
41.5 37.5 10.2
1.2
54
540
7.0
12.3
0.20
43
600
EZPE1B156MTA 15
30
51
41.5 37.5 10.2
1.2
54
810
8.5
8.2
0.20
80
EZPE1B206MTA 20
30
51
41.5 37.5 20.3
1.2
54
1080
10.0
6.3
0.20
76
400
EZPE1B256MTA 25
30
51
57.5 52.5 10.2
1.2
35
875
8.0
10.7
0.28
107
EZPE1B306MTA 30
30
51
57.5 52.5 20.3
1.2
35
1050
9.0
8.5
0.28
103
EZPE1B356MTA 35
35
56
57.5 52.5 20.3
1.2
35
1225
10.0
7.2
0.28
137
200
EZPE1B406MTA 40
35
56
57.5 52.5 20.3
1.2
35
1400
11.0
6.5
0.28
134
Part No.
Cap.
CR
(μF)
Dimensions (mm)
dv/dt
[V/μs]
Permissible
current
ESR typ ✽
3
(m
Ω)
tan
d
✽4
(%)
Mass
(g)
Min.
order
Q'ty
5
(pcs)
WH
LP1
P2
f
Peak
Current
1
(Ao-p)
RMS
Current
2
(Arms)
EZPE1D106MTA 10
30
51
41.5 37.5 10.2
1.2
73
730
12.0
10.0
0.17
80
400
EZPE1D156MTA 15
30
51
57.5 52.5 10.2
1.2
50
750
10.0
14.5
0.22
109
200
EZPE1D206MTA 20
30
51
57.5 52.5 20.3
1.2
50
1000
14.0
11.1
0.22
103
EZPE1D256MTA 25
35
56
57.5 52.5 20.3
1.2
50
1250
17.0
8.5
0.22
136
Rating · Dimensions · Quantity
Feb. 2016
01


同様の部品番号 - EZPE50106LTA

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
EZPE52296MTB PANASONIC-EZPE52296MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
EZPE52296MTB PANASONIC-EZPE52296MTB Datasheet
57Kb / 2P
   Plastic Film Capacitors
EZPE57126LTB PANASONIC-EZPE57126LTB Datasheet
57Kb / 2P
   Plastic Film Capacitors
More results

同様の説明 - EZPE50106LTA

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com