データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10-24F-12S データシート(PDF) 2 Page - Arch Electronics Corp.

部品番号 ST10-24F-12S
部品情報  Power Module for PCB Mountable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARCH [Arch Electronics Corp.]
ホームページ  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ST10-24F-12S データシート(HTML) 2 Page - Arch Electronics Corp.

  ST10-24F-12S Datasheet HTML 1Page - Arch Electronics Corp. ST10-24F-12S Datasheet HTML 2Page - Arch Electronics Corp. ST10-24F-12S Datasheet HTML 3Page - Arch Electronics Corp. ST10-24F-12S Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VER : D_3
update : 2016.09.01
Encapsulated DC-DC Converter
ST10 SERIES
10 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
I.All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
II.Ripple & Noise are measured at 20MHz of bandwidth with 0.1UF & 47UF parallel capacitor.
Model No.
( Single Output )
ST10-12-3.3S
ST10-24-3.3S
ST10-24F-3.3S
ST10-48-3.3S
ST10-48F-3.3S
ST10-12-5S
ST10-24-5S
ST10-24F-5S
ST10-48-5S
ST10-48F-5S
ST10-12-12S
ST10-24-12S
ST10-24F-12S
ST10-48-12S
ST10-48F-12S
ST10-12-15S
ST10-24-15S
ST10-24F-15S
ST10-48-15S
ST10-48F-15S
ST10-12-24S
ST10-24-24S
ST10-48-24S
Max Output Wattage (W)
6.6W
10W
10W
10W
10W
Input
Input Filter
 type
Voltage (V.DC.)
3.3
5
12
15
24
Voltage Accuracy
2%
Current (mA) max
2000
2000
830
670
420
Line Regulation (LL-HL) (typ.)
0.5%
Load Regulation (10-100%) (typ.)
1%
Minimum Load
3%
3%
0%
0%
0%
Ripple
<0.2% Vout +40mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Output
Switching Frequency
300KHz
Over Power Protection
Works over 120% of rating and recovers automatically.
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Current limit, auto-recovery
Voltage
1600 VDC.
Resistance
10
8 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
2:1 Range: -25°C…+70°C (at Full Load)
4:1 Range: -25°C…+70°C (with derating)
Storage Temperature
-55°C…+105°C
Case Temperature
+100°C max.
Temperature Coefficient
0.02% Per°C
Humidity
95% RH
Environment
MTBF
>800,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.97 x 1.0 x 0.425 Inches ( 50.1 x 25.4 x 10.8 mm ) Tolerance
0.5 mm
Case Material
Five-side shielded Aluminum with Non-Conductive base, Black Anodize
Weight
32 g
Physical
Cooling Method
Free-air convection
Safety
Agency Approvals
CE, UL
EMC
EMI (Conducted & Radiated Emission)
EN 55022 class A
I.All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
II.Ripple & Noise are measured at 20MHz of bandwidth with 0.1UF & 47UF parallel capacitor.
Model No.
( Dual Output )
ST10-24F-5D
ST10-48F-5D
ST10-24F-12D
ST10-48F-12D
ST10-24F-15D
ST10-48F-15D
Max Output Wattage (W)
10W
Input
Input Filter
 type
Voltage (V.DC.)
5
12
15
Voltage Accuracy
2%
Current (mA) max
1000
415
333
Line Regulation (LL-HL) (typ.)
0.5%
Load Regulation (10-100%)(Balance Load)
1%
Minimum Load
3%
Ripple
<0.2% Vout +40mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Output
Switching Frequency
300KHz
Over Power Protection
Works over 120% of rating and recovers automatically.
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Current limit, auto-recovery
Voltage
1600 VDC.
Resistance
10
8 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
2:1 Range: -25°C…+70°C (at Full Load)
4:1 Range: -25°C…+70°C (with derating)
Storage Temperature
-55°C…+105°C
Case Temperature
+100°C max.
Temperature Coefficient
0.02% Per°C
Humidity
95% RH
Environment
MTBF
>800,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.97 x 1.0 x 0.425 Inches ( 50.1 x 25.4 x 10.8 mm ) Tolerance
0.5 mm
Case Material
Five-side shielded Aluminum with Non-Conductive base, Black Anodize
Weight
32 g
Physical
Cooling Method
Free-air convection
Safety
Agency Approvals
CE, UL
EMC
EMI (Conducted & Radiated Emission)
EN 55022 class A


同様の部品番号 - ST10-24F-12S

メーカー部品番号データシート部品情報
logo
Arch Electronics Corp.
ST10-24F-12S ARCH-ST10-24F-12S Datasheet
165Kb / 4P
   Encapsulated DC-DC Converter
More results

同様の説明 - ST10-24F-12S

メーカー部品番号データシート部品情報
logo
Arch Electronics Corp.
SB05 ARCH-SB05_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
SK30 ARCH-SK30_16 Datasheet
267Kb / 3P
   Power Module for PCB Mountable
ST20 ARCH-ST20_16 Datasheet
194Kb / 3P
   Power Module for PCB Mountable
ST30 ARCH-ST30_16 Datasheet
222Kb / 4P
   Power Module for PCB Mountable
SH08 ARCH-SH08_16 Datasheet
198Kb / 3P
   Power Module for PCB Mountable
SH10 ARCH-SH10_16 Datasheet
200Kb / 3P
   Power Module for PCB Mountable
ST60 ARCH-ST60 Datasheet
191Kb / 2P
   Power Module for PCB Mountable
SB03 ARCH-SB03_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
SB08 ARCH-SB08_16 Datasheet
149Kb / 3P
   Power Module for PCB Mountable
ST15 ARCH-ST15_16 Datasheet
291Kb / 4P
   Power Module for PCB Mountable
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com