データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST15-24-12S データシート(PDF) 3 Page - Arch Electronics Corp.

部品番号 ST15-24-12S
部品情報  Power Module for PCB Mountable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARCH [Arch Electronics Corp.]
ホームページ  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ST15-24-12S データシート(HTML) 3 Page - Arch Electronics Corp.

  ST15-24-12S Datasheet HTML 1Page - Arch Electronics Corp. ST15-24-12S Datasheet HTML 2Page - Arch Electronics Corp. ST15-24-12S Datasheet HTML 3Page - Arch Electronics Corp. ST15-24-12S Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VER : D_4
update : 2016.09.01
Encapsulated DC-DC Converter
ST15 SERIES
15 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-3-
OUTPUT NOISE
DERATING
The output noise is measured
with 0.47
F tantalum capacitor across output.
MECHANICAL DIMENSION
( Top View )
Remote On/Off Control
Control Pin is NOT available for standard ST15 models
Add suffix –R for models with Control Pin
BLOCK DIAGRAM
PIN#
Single
Dual
1
ON / OFF CTL (Optional)
ON / OFF CTL (Optional)
2
-DC IN
-DC IN
3
+DC IN
+DC IN
4
-DC OUT
-DC OUT
5
NO PIN
COMMON
6
+DC OUT
+DC OUT
Note:
1. All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
3. For EMI test, Please refer to below.


同様の部品番号 - ST15-24-12S

メーカー部品番号データシート部品情報
logo
Arch Electronics Corp.
ST15-24-12S ARCH-ST15-24-12S Datasheet
193Kb / 4P
   Encapsulated DC-DC Converter
ST15-24-12S ARCH-ST15-24-12S Datasheet
316Kb / 4P
   Encapsulated DC-DCConverter
More results

同様の説明 - ST15-24-12S

メーカー部品番号データシート部品情報
logo
Arch Electronics Corp.
ST10 ARCH-ST10_16 Datasheet
205Kb / 4P
   Power Module for PCB Mountable
SB05 ARCH-SB05_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
SK30 ARCH-SK30_16 Datasheet
267Kb / 3P
   Power Module for PCB Mountable
ST20 ARCH-ST20_16 Datasheet
194Kb / 3P
   Power Module for PCB Mountable
ST30 ARCH-ST30_16 Datasheet
222Kb / 4P
   Power Module for PCB Mountable
SH08 ARCH-SH08_16 Datasheet
198Kb / 3P
   Power Module for PCB Mountable
SH10 ARCH-SH10_16 Datasheet
200Kb / 3P
   Power Module for PCB Mountable
ST60 ARCH-ST60 Datasheet
191Kb / 2P
   Power Module for PCB Mountable
SB03 ARCH-SB03_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
SB08 ARCH-SB08_16 Datasheet
149Kb / 3P
   Power Module for PCB Mountable
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com