データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6TCF330M9L データシート(PDF) 2 Page - Panasonic Semiconductor

部品番号 6TCF330M9L
部品情報  Conductive Polymer Tantalum Solid Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

6TCF330M9L データシート(HTML) 2 Page - Panasonic Semiconductor

  6TCF330M9L Datasheet HTML 1Page - Panasonic Semiconductor 6TCF330M9L Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Tantalum Solid Capacitors
Characteristics list
Series
Rated
voltage
(V.DC)
Rated
temp.
(°C)
Category
voltage
(V.DC)
Category
temp.
(°C)
Rated
capacitance
(µF)
Case size (mm)
Size
code
Specifications
Standard
LW
H
Ripple
1
current
(mAr.m.s.)
ESR
2
(m
Ω max.)
tan
d ✽3
LC
4
(µA)
Part number
Min.
Packaging Q'ty
(pcs)
TCE
2.5
105
2.0
125
680
7.3
4.3
2.8
D3L
3500
12
0.10
170.0
ETCE680MCL
2500
105
2.0
125
7.3
4.3
2.8
3100
15
0.10
170.0
ETCE680MFL
2500
105
2.0
125
1000
7.3
4.3
3.8
D4
3900
15
0.15
250.0
ETCE1000MF
2000
4
105
3.2
125
150
7.3
4.3
1.8
D2E
2800
18
0.10
60.0
4TCE150MI
3000
105
3.2
125
220
7.3
4.3
1.8
3100
15
0.10
88.0
4TCE220MF
3000
105
3.2
125
7.3
4.3
1.8
2800
18
0.10
88.0
4TCE220MI
3000
105
3.2
125
7.3
4.3
1.8
2400
25
0.10
88.0
4TCE220M
3000
105
3.2
125
330
7.3
4.3
1.8
2800
18
0.10
132.0
4TCE330MI
3000
105
3.2
125
7.3
4.3
1.8
2400
25
0.10
132.0
4TCE330M
3000
105
3.2
125
470
7.3
4.3
2.8
D3L
3500
12
0.10
188.0
4TCE470MCL
2500
105
3.2
125
7.3
4.3
2.8
3100
15
0.10
188.0
4TCE470MFL
2500
105
3.2
125
7.3
4.3
2.8
2800
18
0.10
188.0
4TCE470MIL
2500
105
3.2
125
7.3
4.3
2.8
2400
25
0.10
188.0
4TCE470ML
2500
6.3
105
5.0
125
100
7.3
4.3
1.8
D2E
2800
18
0.10
63.0
6TCE100MI
3000
105
5.0
125
7.3
4.3
1.8
2400
25
0.10
63.0
6TCE100M
3000
105
5.0
125
150
7.3
4.3
1.8
3100
15
0.10
94.5
6TCE150MF
3000
105
5.0
125
7.3
4.3
1.8
2800
18
0.10
94.5
6TCE150MI
3000
105
5.0
125
7.3
4.3
1.8
2400
25
0.15
94.5
6TCE150M
3000
105
5.0
125
220
7.3
4.3
1.8
2800
18
0.15
138.6
6TCE220MI
3000
105
5.0
125
7.3
4.3
1.8
2400
25
0.15
138.6
6TCE220M
3000
105
5.0
125
330
7.3
4.3
2.8
D3L
3100
15
0.10
207.9
6TCE330MFL
2500
105
5.0
125
7.3
4.3
2.8
2800
18
0.10
207.9
6TCE330MIL
2500
105
5.0
125
7.3
4.3
2.8
2400
25
0.10
207.9
6TCE330ML
2500
105
5.0
125
470
7.3
4.3
3.8
D4
3500
18
0.15
296.1
6TCE470MI
2000
105
5.0
125
7.3
4.3
3.8
3000
25
0.15
296.1
6TCE470M
2000
105
5.0
125
680
7.3
4.3
3.8
3500
18
0.15
428.4
6TCE680MI
2000
105
5.0
125
7.3
4.3
3.8
3000
25
0.15
428.4
6TCE680M
2000
10
105
8.0
125
220
7.3
4.3
2.8
D3L
2800
18
0.10
220.0
10TCE220MIL
2500
105
8.0
125
7.3
4.3
2.8
2400
25
0.10
220.0
10TCE220ML
2500
105
8.0
125
330
7.3
4.3
3.8
D4
3000
25
0.10
330.0
10TCE330M
2000
TCF
2.5
105
2.0
125
680
7.3
4.3
2.8
D3L
4400
6
0.10
170.0
ETCF680M6L
2500
105
2.0
125
7.3
4.3
2.8
4400
7
0.10
170.0
ETCF680M7L
2500
105
2.0
125
7.3
4.3
2.8
4400
10
0.10
170.0
ETCF680ML
2500
105
2.0
125
7.3
4.3
3.8
D4
6100
5
0.10
170.0
ETCF680M5H
2000
105
2.0
125
1000
7.3
4.3
3.8
6100
5
0.10
250.0
ETCF1000M5H
2000
105
2.0
125
7.3
4.3
3.8
5600
6
0.10
250.0
ETCF1000M6H
2000
4
105
3.2
125
330
7.3
4.3
2.8
D3L
4000
12
0.10
132.0
4TCF330ML
2500
105
3.2
125
470
7.3
4.3
2.8
4400
10
0.10
188.0
4TCF470ML
2500
105
3.2
125
680
7.3
4.3
3.8
D4
4400
10
0.10
272.0
4TCF680MAH
2000
6.3
105
5.0
125
220
7.3
4.3
2.8
D3L
6100
5
0.10
138.6
6TCF220M5L
2500
105
5.0
125
7.3
4.3
2.8
4600
9
0.10
138.6
6TCF220M9L
2500
105
5.0
125
7.3
4.3
2.8
4000
12
0.10
138.6
6TCF220ML
2500
105
5.0
125
330
7.3
4.3
2.8
3900
9
0.10
207.9
6TCF330M9L
2500
105
5.0
125
470
7.3
4.3
3.8
D4
4400
10
0.10
296.1
6TCF470MAH
2000
10
105
10.0
125
150
7.3
4.3
2.8
D3L
3600
15
0.10
150.0
10TCF150ML
2500
✽1 Ripple current (100 kHz/ +45 °C ), ✽2 ESR (100 kHz/+20 °C) ✽3 tan d (120 Hz/+20 °C) ✽4 After 5 minutes
◆ Please refer to each page in this catarog for “Reflow conditions” and “Taping specifications”.
Nov. 2015
01


同様の説明 - 6TCF330M9L

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
2R5TAE220M9 PANASONIC-2R5TAE220M9 Datasheet
490Kb / 6P
   Conductive Polymer Tantalum Solid Capacitors
6TPE330MA9EL PANASONIC-6TPE330MA9EL Datasheet
792Kb / 8P
   Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
TLE PANASONIC-TLE Datasheet
805Kb / 5P
   Conductive Polymer Tantalum Solid Capacitors
09-Jul-21
6TVE150M PANASONIC-6TVE150M Datasheet
430Kb / 5P
   Conductive Polymer Tantalum Solid Capacitors
073020 PANASONIC-073020 Datasheet
501Kb / 5P
   Conductive Polymer Tantalum Solid Capacitors
30-Jul-20
16TDC33MYFB PANASONIC-16TDC33MYFB Datasheet
468Kb / 5P
   Conductive Polymer Tantalum Solid Capacitors
TPE PANASONIC-TPE Datasheet
792Kb / 8P
   Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
8TPE100MAZB PANASONIC-8TPE100MAZB Datasheet
295Kb / 2P
   Conductive Polymer Tantalum Solid Capacitors
02 Oct. 2017
ETPH100MHA PANASONIC-ETPH100MHA Datasheet
387Kb / 5P
   Conductive Polymer Tantalum Solid Capacitors
2TPE330MFB PANASONIC-2TPE330MFB_V01 Datasheet
295Kb / 2P
   Conductive Polymer Tantalum Solid Capacitors
02 Oct. 2017
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com