データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMV1220-079LF データシート(PDF) 1 Page - Skyworks Solutions Inc.

部品番号 SMV1220-079LF
部品情報  Hyperabrupt Junction Tuning Varactor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SKYWORKS [Skyworks Solutions Inc.]
ホームページ  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1220-079LF データシート(HTML) 1 Page - Skyworks Solutions Inc.

  SMV1220-079LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1220-079LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1220-079LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1220-079LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1220-079LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1220-079LF Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203015C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 6, 2015
1
DATA SHEET
SMV1220-079LF: Hyperabrupt Junction Tuning Varactor
Applications
 VHF TV tuners
 VCOs
Features
 Cross to Renesas HVC365
 Low-series resistance
 High-capacitance ratio
 Ultrasmall SC-79 package
(MSL1, 260
°C per JEDEC J-STD-020)
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to Skyworks
Definition of GreenTM, document number
SQ04–0074.
Description
The SMV1220-079LF is a silicon hyperabrupt junction varactor
diode specifically designed for battery operation. The specified
high-capacitance ratio and low-series resistance make this
varactor appropriate for low phase-noise Voltage-Controlled
Oscillators (VCOs) used at frequencies in wireless systems up to
and above 2.5 GHz.
Applications for the SMV1220-079LF include low-noise and
wideband UHF and VHF VCOs for GSM, PCS, CDMA, and analog
phones. Table 1 describes the packaging and marking of the
SMV1220-079LF varactor.
Table 1. Packaging and Marking
Single
SC-79
Green™
SMV1220-079LF
Marking: Cathode and KA
LS = 0.7 nH
The Pb-free symbol or “LF” in the part number denotes a lead-free, RoHS-
compliant package unless otherwise noted as Green™. Tin/lead (Sn/Pb)
packaging is not recommended for new designs.


同様の部品番号 - SMV1220-079LF

メーカー部品番号データシート部品情報
logo
Advanced Semiconductor
SMV1229-001 ASI-SMV1229-001 Datasheet
22Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
More results

同様の説明 - SMV1220-079LF

メーカー部品番号データシート部品情報
logo
Alpha Industries
SMV1283-011 ALPHA-SMV1283-011 Datasheet
21Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1135-004 SKYWORKS-SMV1135-004 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactor
SMVA1211-001LF SKYWORKS-SMVA1211-001LF Datasheet
541Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1470-004LF SKYWORKS-SMVA1470-004LF Datasheet
447Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1705-004LF SKYWORKS-SMVA1705-004LF Datasheet
538Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMV1145-079LF SKYWORKS-SMV1145-079LF_15 Datasheet
600Kb / 6P
   Hyperabrupt Junction Tuning Varactor
logo
Alpha Industries
SMV1135 ALPHA-SMV1135 Datasheet
462Kb / 3P
   Hyperabrupt Junction Tuning Varactor
SMV1705-079 ALPHA-SMV1705-079 Datasheet
263Kb / 2P
   Hyperabrupt Junction Tuning Varactor
SMV2022 ALPHA-SMV2022 Datasheet
170Kb / 2P
   Hyperabrupt Junction Tuning Varactor
SMV1281-011 ALPHA-SMV1281-011 Datasheet
449Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1272-079LF SKYWORKS-SMV1272-079LF Datasheet
424Kb / 6P
   Hyperabrupt Junction Tuning Varactor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com