データシートサーチシステム |
|
SMV1234 データシート(PDF) 3 Page - Skyworks Solutions Inc. |
|
SMV1234 データシート(HTML) 3 Page - Skyworks Solutions Inc. |
3 / 12 page DATA SHEET • SMV123x VARACTORS Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com 200058V • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • August 7, 2015 3 Electrical and Mechanical Specifications The absolute maximum ratings of the SMV123x varactors are provided in Table 2. Electrical specifications are provided in Table 3. Typical capacitance values are listed in Table 4. Typical performance characteristics of the SMV123x varactors are illustrated in Figures 1 through 4. The SPICE model for the SMV123x varactors is shown in Figure 5 and the associated model parameters are provided in Table 5. Package dimensions are shown in Figures 6 to 14 (even numbers), and tape and reel dimensions are provided in Figures 7 to 15 (odd numbers). Package and Handling Information Instructions on the shipping container label regarding exposure to moisture after the container seal is broken must be followed. Otherwise, problems related to moisture absorption may occur when the part is subjected to high temperature during solder assembly. The SMV123x series of varactors are rated to Moisture Sensitivity Level 1 (MSL1) at 260 C. They can be used for lead or lead-free soldering. For additional information, refer to the Skyworks Application Note, Solder Reflow Information, document number 200164. Care must be taken when attaching this product, whether it is done manually or in a production solder reflow environment. Production quantities of this product are shipped in a standard tape and reel format. Table 2. SMV123x Absolute Maximum Ratings (Note 1) Parameter Symbol Minimum Maximum Units Reverse voltage VR 15 V Forward current IF 20 mA Power dissipation PDIS 250 mW Operating temperature TOP –55 +125 C Storage temperature TSTG –55 +150 C Electrostatic discharge: Human Body Model (HBM), Class 1B ESD 1000 V Note 1: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device. CAUTION: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device. This device must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times. |
同様の部品番号 - SMV1234 |
|
同様の説明 - SMV1234 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |