データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ILC7081 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 ILC7081
部品情報  50/100mA SOT-23 CMOS RF LDO Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC7081 データシート(HTML) 1 Page - Fairchild Semiconductor

  ILC7081 Datasheet HTML 1Page - Fairchild Semiconductor ILC7081 Datasheet HTML 2Page - Fairchild Semiconductor ILC7081 Datasheet HTML 3Page - Fairchild Semiconductor ILC7081 Datasheet HTML 4Page - Fairchild Semiconductor ILC7081 Datasheet HTML 5Page - Fairchild Semiconductor ILC7081 Datasheet HTML 6Page - Fairchild Semiconductor ILC7081 Datasheet HTML 7Page - Fairchild Semiconductor ILC7081 Datasheet HTML 8Page - Fairchild Semiconductor ILC7081 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.fairchildsemi.com
REV. 1.0.7 4/3/03
Features
• Ultra low 1mV dropout per 1mA load
• 1% output voltage accuracy
• Uses low ESR ceramic output capacitor to minimize noise
and output ripple
• Only 100µA ground current at 100mA load
• Ripple rejection up to 85dB at 1kHz, 60dB at 1MHz
• Less than 80µVRMS noise at BW = 100Hz to 100kHz
• Excellent line and load transient response
•Over current / over temperature protection
• Guaranteed up to 80/150mA output current
• Industry standard five lead SOT-23 package
• Fixed 2.5V, 2.6V, 2.7V, 2.8V, 2.85V, 2.9V, 3.0, 3.1V, 3.3V,
3.6V, 4.7V, 5.0V and adjustable output (ILC7081 only)
voltage options
• Metal mask option available for custom voltages between
2.5 to 5.1V
Applications
• Cellular phones
•Wireless communicators
•PDAs / palmtops / organizers
• Battery powered portable electronics
Description
The ILC7080/81 are 50 or 100mA low dropout (LDO)
voltage regulators designed to provide a high performance
solution to low power systems.
The devices offer a typical combination of low dropout and
low quiescent current expected of CMOS parts, while
uniquely providing the low noise and high ripple rejection
characteristics usually only associated with bipolar LDO
regulators.
The devices have been optimized to meet the needs of
modern wireless communications design; Low noise, low
dropout, small size, high peak current, high noise immunity.
The ILC7080/81 are designed to make use of low cost
ceramic capacitors while outperforming other devices that
require tantalum capacitors.
Typical Applications
ILC7080
ILC7081
54
12
3
ON
OFF
SOT-23-5
V
OUT
V
IN
C
OUT
C
NOISE
ILC7080/81
50/100mA SOT-23 CMOS RF LDO™ Regulators


同様の部品番号 - ILC7081

メーカー部品番号データシート部品情報
logo
Impala Linear Corporati...
ILC7081AIM5-285 IMPALA-ILC7081AIM5-285 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
ILC7081AIM5-30 IMPALA-ILC7081AIM5-30 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
ILC7081AIM5-33 IMPALA-ILC7081AIM5-33 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
ILC7081AIM5-36 IMPALA-ILC7081AIM5-36 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
ILC7081AIM5-47 IMPALA-ILC7081AIM5-47 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
More results

同様の説明 - ILC7081

メーカー部品番号データシート部品情報
logo
Impala Linear Corporati...
ILC7080 IMPALA-ILC7080 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
logo
Fairchild Semiconductor
ILC7071 FAIRCHILD-ILC7071 Datasheet
110Kb / 11P
   100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
logo
Impala Linear Corporati...
ILC7071 IMPALA-ILC7071 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Linear Technology
LT1761 LINER-LT1761 Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
LT1761 LINER-LT1761_1 Datasheet
260Kb / 20P
   100mA, Low Noise,LDO Micropower Regulators in SOT-23
logo
Impala Linear Corporati...
ILC7062 IMPALA-ILC7062 Datasheet
379Kb / 6P
   SOT-23 CMOS LDO
ILC7362 IMPALA-ILC7362 Datasheet
157Kb / 5P
   SOT-23 CMOS NEGATIVE LDO
logo
Exar Corporation
SP6201EM5-L-5-0 EXAR-SP6201EM5-L-5-0 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201ER-L EXAR-SP6201ER-L Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5 EXAR-SP6201EM5 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com