データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMV1263-040LF データシート(PDF) 3 Page - Skyworks Solutions Inc.

部品番号 SMV1263-040LF
部品情報  Hyperabrupt Junction Tuning Varactors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SKYWORKS [Skyworks Solutions Inc.]
ホームページ  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1263-040LF データシート(HTML) 3 Page - Skyworks Solutions Inc.

  SMV1263-040LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1263-040LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1263-040LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1263-040LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1263-040LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1263-040LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1263-040LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMV1263-040LF Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DATA SHEET • SMV1263 SERIES VARACTORS
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200062K • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • August 7, 2015
3
Electrical and Mechanical Specifications
The absolute maximum ratings of the SMV1263 varactors are
provided in Table 2. Electrical specifications are provided in
Table 3. Typical capacitance values are listed in Table 4. Typical
performance characteristics of the SMV1263 varactors are
illustrated in Figures 1 and 2.
The SPICE model for the SMV1263 varactors is shown in Figure 3
and the associated model parameters are provided in Table 5.
Package dimensions are shown in Figures 4 to 8 (even numbers),
and tape and reel dimensions are provided in Figures 5 to 9 (odd
numbers).
Package and Handling Information
Instructions on the shipping container label regarding exposure to
moisture after the container seal is broken must be followed.
Otherwise, problems related to moisture absorption may occur
when the part is subjected to high temperature during solder
assembly.
The SMV1263 series of varactors are rated to Moisture Sensitivity
Level 1 (MSL1) at 260
C. They can be used for lead or lead-free
soldering. For additional information, refer to the Skyworks
Application Note, Solder Reflow Information, document number
200164.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format.
Table 4. Capacitance vs Reverse Voltage
VR
(V)
CT
(pF)
0
8.87
0.25
7.68
0.50
6.68
0.75
5.83
1.00
5.11
1.25
4.50
1.50
3.99
1.75
3.54
2.00
3.17
2.25
2.84
2.50
2.57
2.75
2.33
3.00
2.12
3.25
1.94
3.50
1.79
3.75
1.65
4.00
1.54
4.25
1.44
4.50
1.35
4.75
1.27
5.00
1.20


同様の部品番号 - SMV1263-040LF

メーカー部品番号データシート部品情報
logo
Alpha Industries
SMV1263-079 ALPHA-SMV1263-079 Datasheet
262Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1263-079 SKYWORKS-SMV1263-079 Datasheet
139Kb / 4P
   Hyperabrupt Junction Tuning Varactors
More results

同様の説明 - SMV1263-040LF

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
SMV1247 SKYWORKS-SMV1247_16 Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com