データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMV1249-079LF データシート(PDF) 3 Page - Skyworks Solutions Inc.

部品番号 SMV1249-079LF
部品情報  Hyperabrupt Junction Tuning Varactors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SKYWORKS [Skyworks Solutions Inc.]
ホームページ  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1249-079LF データシート(HTML) 3 Page - Skyworks Solutions Inc.

  SMV1249-079LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1249-079LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1249-079LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1249-079LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1249-079LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1249-079LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1249-079LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMV1249-079LF Datasheet HTML 8Page - Skyworks Solutions Inc. SMV1249-079LF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DATA SHEET • SMV1247-SMV1255 VARACTORS
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200061T • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • February 22, 2016
3
Table 2. SMV1247-SMV1255 Absolute Maximum Ratings1
Parameter
Symbol
Minimum
Maximum
Units
Reverse voltage
VR
15
V
Forward current
IF
20
mA
Power dissipation
PDIS
250
mW
Operating temperature
TOP
–55
+125
C
Storage temperature
TSTG
–55
+150
C
Electrostatic discharge:
Charged Device Model (CDM), Class 4
Human Body Model (HBM), Class 1A
Machine Model (MM), Class A
ESD
1000
250
<50
V
V
V
1 Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other parameters set
at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.
Table 3. SMV1247-SMV1255 Electrical Specifications1
(TOP = 25
C, Unless Otherwise Noted)
Part Number
CT
@ 0.3 V
(pF)
CT
@ 4.7 V
(pF)
CT
@ 1 V
(pF)
CT
@ 3 V
(pF)
CT @ 0.3 V
CT @ 4.7 V
(Ratio)
CT @ 1 V
CT @ 3 V
(Ratio)
RS @ 3 V,
500 MHz
(
Ω)
Q @ 3
V,
50 MHz
Min.
Typical
Typical
Max.
Typical
Typical
Min.
Typical
Typical
Max.
Typical
SMV1247
6.5
7
0.7
0.78
4.4
0.95
9.5
10.0
4.6
6.0
1500
SMV1248
15.0
17
1.5
1.70
12.3
2.60
10.8
12.0
4.7
3.3
700
SMV1249
28.0
31
2.6
2.80
18.2
3.40
11.0
12.1
5.3
2.2
600
SMV1251
38.0
42
3.4
3.80
28.1
5.80
11.0
12.2
4.8
1.6
400
SMV1253
48.0
53
4.3
4.80
37.0
7.80
11.0
12.3
4.7
1.4
350
SMV1255
58.0
64
5.2
5.80
43.3
8.50
11.0
12.3
5.1
1.3
350
1 Performance is guaranteed only under the conditions listed in this table.
Reverse voltage VR (IR = 10
μA) = 15 V minimum
Reverse current IR (VR = 12 V) = 20 nA maximum


同様の部品番号 - SMV1249-079LF

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SMV1249-079LF SKYWORKS-SMV1249-079LF Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
SMV1249-079LF SKYWORKS-SMV1249-079LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

同様の説明 - SMV1249-079LF

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com