データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMV1251-040LF データシート(PDF) 7 Page - Skyworks Solutions Inc.

部品番号 SMV1251-040LF
部品情報  Hyperabrupt Junction Tuning Varactors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SKYWORKS [Skyworks Solutions Inc.]
ホームページ  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1251-040LF データシート(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SMV1251-040LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1251-040LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1251-040LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1251-040LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1251-040LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMV1251-040LF Datasheet HTML 8Page - Skyworks Solutions Inc. SMV1251-040LF Datasheet HTML 9Page - Skyworks Solutions Inc. SMV1251-040LF Datasheet HTML 10Page - Skyworks Solutions Inc. SMV1251-040LF Datasheet HTML 11Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DATA SHEET • SMV1247-SMV1255 VARACTORS
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200061T • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • February 22, 2016
7
0.060 (1.50 mm) Min
0.067 (1.70 mm) Max
0.010
(0.25 mm) Min
0.014
(0.35 mm) Max
0.043 (1.10 mm) Min
0.051 (1.30 mm) Max
0.020
(0.50 mm) Min
0.028
(0.70 mm) Max
0.003
(0.07 mm) Min
0.008
(0.20 mm) Max
10° Max.
10° Max
0.028
(0.70 mm) Min
0.035
(0.90 mm) Max
0.006 (0.15 mm) Min
Polarity
Indicator Area
12
200061T-006
Dimensions are in inches (millimeters shown in parentheses)
Box
or
Bar
Figure 6. SC-79 Package Dimensions
200061T-007
Notes:
1. Carrier tape: black conductive polycarbonate or polystyrene.
2. Cover tape material: transparent conductive PSA.
3. Cover tape size: 5.4 mm width.
4. ESD-surface resistivity is ≤1 x 108 Ohms/square per
EIA, JEDEC TNR Specification.
5. All measurements are in millimeters.
0.229 ± 0.02 (T)
A
B
Ø1.50± 0.10
Ø0.50± 0.05
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
0.80 ± 0.05 (Ko)
0.39 ± 0.05
0.90 ± 0.05 (Ao)
1.75 ± 0.10
2o Max
2° Max
A
B
B
A
Pin 1 Indicator
Figure 7. SC-79 Tape and Reel Dimensions


同様の部品番号 - SMV1251-040LF

メーカー部品番号データシート部品情報
logo
Alpha Industries
SMV1251-001 ALPHA-SMV1251-001 Datasheet
502Kb / 4P
   Hyperabrupt Tuning Varactors
logo
List of Unclassifed Man...
SMV1251-001 ETC1-SMV1251-001 Datasheet
130Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
logo
Skyworks Solutions Inc.
SMV1251-001 SKYWORKS-SMV1251-001 Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
SMV1251-001LF SKYWORKS-SMV1251-001LF Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
SMV1251-001LF SKYWORKS-SMV1251-001LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

同様の説明 - SMV1251-040LF

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com