データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMV1255-001 データシート(PDF) 5 Page - Skyworks Solutions Inc.

部品番号 SMV1255-001
部品情報  Hyperabrupt Junction Tuning Varactors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SKYWORKS [Skyworks Solutions Inc.]
ホームページ  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1255-001 データシート(HTML) 5 Page - Skyworks Solutions Inc.

  SMV1255-001 Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1255-001 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1255-001 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1255-001 Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1255-001 Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1255-001 Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1255-001 Datasheet HTML 7Page - Skyworks Solutions Inc. SMV1255-001 Datasheet HTML 8Page - Skyworks Solutions Inc. SMV1255-001 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DATA SHEET • SMV1247-SMV1255 VARACTORS
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200061T • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • February 22, 2016
5
Typical Performance Characteristics
0.1
1.0
10.0
100.0
6.0
8.0
4.0
Reverse Voltage (V)
2.0
0
SMV1255
SMV1248
SMV1247
SMV1253
SMV1251
SMV1249
Figure 1. Capacitance vs Reverse Voltage
–3
–2
–1
0
+1
+2
+3
–40
–20
0
+20
+40
+60
+80
Temperature (°C)
VR = 4 V
VR = 1 V
Figure 3. Relative Capacitance Change vs Temperature
Reverse Voltage (V)
01
2
3
4
5
0
2
4
6
8
10
SMV1247
SMV1248
SMV1249
SMV1251
SMV1253
SMV1255
Figure 2. Series Resistance vs Reverse Voltage @ 500 MHz
–50
–25
0
+25
+50
+75
+100
Temperature (°C)
–25
–20
–10
–15
–5
0
+5
+10
+15
Figure 4. Relative Series Resistance Change vs Temperature
@ 500 MHz


同様の部品番号 - SMV1255-001

メーカー部品番号データシート部品情報
logo
Alpha Industries
SMV1255-001 ALPHA-SMV1255-001 Datasheet
502Kb / 4P
   Hyperabrupt Tuning Varactors
logo
List of Unclassifed Man...
SMV1255-001 ETC1-SMV1255-001 Datasheet
130Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
logo
Skyworks Solutions Inc.
SMV1255-001 SKYWORKS-SMV1255-001 Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
More results

同様の説明 - SMV1255-001

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com