データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF6618TR1 データシート(PDF) 2 Page - International Rectifier

部品番号 IRF6618TR1
部品情報  Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF6618TR1 データシート(HTML) 2 Page - International Rectifier

  IRF6618TR1 Datasheet HTML 1Page - International Rectifier IRF6618TR1 Datasheet HTML 2Page - International Rectifier IRF6618TR1 Datasheet HTML 3Page - International Rectifier IRF6618TR1 Datasheet HTML 4Page - International Rectifier IRF6618TR1 Datasheet HTML 5Page - International Rectifier IRF6618TR1 Datasheet HTML 6Page - International Rectifier IRF6618TR1 Datasheet HTML 7Page - International Rectifier IRF6618TR1 Datasheet HTML 8Page - International Rectifier IRF6618TR1 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF6609
2
www.irf.com
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient –––
15
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.6
2.0
m
–––
2.0
2.6
VGS(th)
Gate Threshold Voltage
1.55
–––
2.45
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-6.1
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
91
–––
–––
S
Qg
Total Gate Charge
–––
46
69
Qgs1
Pre-Vth Gate-to-Source Charge
–––
15
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
4.7
–––
nC
Qgd
Gate-to-Drain Charge
–––
15
–––
Qgodr
Gate Charge Overdrive
–––
11
–––
See Fig. 17
Qsw
Switch Charge (Qgs2 + Qgd)
–––
20
–––
Qoss
Output Charge
–––
26
–––
nC
td(on)
Turn-On Delay Time
–––
24
–––
tr
Rise Time
–––
95
–––
td(off)
Turn-Off Delay Time
–––
26
–––
ns
tf
Fall Time
–––
9.8
–––
Ciss
Input Capacitance
–––
6290
–––
Coss
Output Capacitance
–––
1850
–––
pF
Crss
Reverse Transfer Capacitance
–––
860
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
31
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
250
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
0.80
1.2
V
trr
Reverse Recovery Time
–––
32
48
ns
Qrr
Reverse Recovery Charge
–––
26
39
nC
Typ.
–––
–––
ID = 17A
VGS = 0V
VDS = 10V
ID = 25A
230
25
Max.
TJ = 25°C, IF = 25A
di/dt = 100A/µs
e
TJ = 25°C, IS = 25A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 31A
e
VGS = 4.5V, ID = 25A
e
VDS = VGS, ID = 250µA
VDS = 16V, VGS = 0V
VDS = 16V, VGS = 0V, TJ = 150°C
VGS = 20V
VGS = -20V
VGS = 4.5V
MOSFET symbol
Clamped Inductive Load
VDS = 10V, ID = 25A
Conditions
ƒ = 1.0MHz
VDS = 10V, VGS = 0V
VDD = 16V, VGS = 4.5V
Ãe
VDS = 10V


同様の部品番号 - IRF6618TR1

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6618TR1 IRF-IRF6618TR1 Datasheet
234Kb / 9P
   HEXFET Power MOSFET
IRF6618TR1 IRF-IRF6618TR1 Datasheet
180Kb / 8P
   HEXFETPower MOSFET
IRF6618TR1 IRF-IRF6618TR1 Datasheet
170Kb / 8P
   HEXFET Power MOSFET
IRF6618TR1PBF IRF-IRF6618TR1PBF Datasheet
250Kb / 9P
   Lead-Free (Qualified up to 260째C Reflow)
More results

同様の説明 - IRF6618TR1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com