データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9303 データシート(PDF) 2 Page - Bi technologies

部品番号 9303
部品情報  1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BITECH [Bi technologies]
ホームページ  http://www.bitechnologies.com
Logo BITECH - Bi technologies

9303 データシート(HTML) 2 Page - Bi technologies

  9303 Datasheet HTML 1Page - Bi technologies 9303 Datasheet HTML 2Page - Bi technologies 9303 Datasheet HTML 3Page - Bi technologies 9303 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2-130
Model 9300 Series
Operating Temperature Range
Static: –65°C to +125°C
Dynamic: -40°C to +125°C
Temperature Cycling
5 cycles, –65°C to +125°C (5%
∆R)
Shock, 6ms Sawtooth
50G’s (0.1ms discontinuity max.)
Vibration
5G’s, 10 to 2,000 Hz (5%
∆R, 0.1ms discontinuity max.)
Moisture Resistance
Ten 24 hour cycles (3%
∆R)
High Temperature Exposure
1,000 hours at 125°C (5%
∆R)
Rotational Load Life
2 mil. shaft rev. plus 900 hrs. at rated wattage at 70°C (5%
∆R)
MECHANICAL
Total Mechanical Travel
1260° ± 5°
Number of Cups, Maximum
3
Weight, Nominal (per gang)
3.4 oz.
Static Stop Strength
600 oz.-in.
Backlash, Maximum
Essentially zero
Shaft End Play, Maximum
.005"
Shaft Runout, T.I.R., Maximum
.0005"
Pilot Diameter Runout, T.I.R., Maximum
.001"
Lateral Runout, T.I.R., Maximum
.0015"
Starting Torque, Maximum
1.3 oz.-in.
Running Torque, Maximum
0.9 oz.-in.
Panel Nut Tightening Torque, Maximum
9301
9303
25 lb.-in.
N/A
Shaft Radial Play, Maximum
0.002"
0.001"
STANDARD RESISTANCE VALUES, OHMS
Theoretical
Total
Resolution
Tempco
Resistance
(% Nominal)
of Wire
1K
0.039
±20 ppm/°C
5K
0.032
±20 ppm/°C
10K
0.027
±20 ppm/°C
20K
0.021
±20 ppm/°C
50K
0.017
±20 ppm/°C
ENVIRONMENTAL (MIL-R-12934)


同様の部品番号 - 9303

メーカー部品番号データシート部品情報
logo
Peregrine Semiconductor...
9303 PEREGRINE-9303 Datasheet
167Kb / 6P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
logo
Keystone Electronics Co...
9303 KEYSTONE-9303 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9303 HEYCO-9303 Datasheet
152Kb / 2P
   Snap Rivets
logo
Peregrine Semiconductor...
9303-00 PEREGRINE-9303-00 Datasheet
167Kb / 6P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
9303-01 PEREGRINE-9303-01 Datasheet
167Kb / 6P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
More results

同様の説明 - 9303

メーカー部品番号データシート部品情報
logo
Bi technologies
9300 BITECH-9300 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
7601 BITECH-7601 Datasheet
64Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
7600 BITECH-7600 Datasheet
63Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
AR10KT2L.25XX BITECH-AR10KT2L.25XX Datasheet
103Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
5311 ETC2-5311 Datasheet
76Kb / 3P
   1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
Bi technologies
5710 BITECH-5710 Datasheet
120Kb / 4P
   3 Diameter Single Turn Wirewound Precision Potentiometer
7380 BITECH-7380 Datasheet
78Kb / 5P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
860 VISHAY-860 Datasheet
158Kb / 4P
   1 - 13/16” (46mm) Three and Ten Turn Wirewound Precision Potentiometer
Revision 16-Jul-03
logo
Bi technologies
5610 BITECH-5610 Datasheet
102Kb / 4P
   2 Diameter Single Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com