データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1672 データシート(PDF) 1 Page - Semtech Corporation

部品番号 GS1672
部品情報  HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1672 データシート(HTML) 1 Page - Semtech Corporation

  GS1672 Datasheet HTML 1Page - Semtech Corporation GS1672 Datasheet HTML 2Page - Semtech Corporation GS1672 Datasheet HTML 3Page - Semtech Corporation GS1672 Datasheet HTML 4Page - Semtech Corporation GS1672 Datasheet HTML 5Page - Semtech Corporation GS1672 Datasheet HTML 6Page - Semtech Corporation GS1672 Datasheet HTML 7Page - Semtech Corporation GS1672 Datasheet HTML 8Page - Semtech Corporation GS1672 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 116 page
background image
1 of 116
GS1672 HD/SD-SDI Serializer with Complete SMPTE
Audio & Video Support
Data Sheet
53623 - 6
July 2011
GS1672 HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
www.gennum.com
Key Features
• Operation at 1.485Gb/s, 1.485/1.001Gb/s and 270Mb/s
• Supports SMPTE 292, SMPTE 259M-C and DVB-ASI
• Integrated Cable Driver
• Integrated, low-noise VCO
• Integrated Narrow-Bandwidth PLL
• Integrated Audio Embedder for up to 8 channels of
48kHz audio
• Ancillary data insertion
• Parallel data bus selectable as either 20-bit or 10-bit
• SMPTE video processing including TRS calculation and
insertion, line number calculation and insertion, line
based CRC calculation and insertion, illegal code
re-mapping, SMPTE 352M payload identifier
generation and insertion
•GSPI host interface
• 1.2V digital core power supply, 1.2V and 3.3V analog
power supplies, and selectable 1.8V or 3.3V I/O power
supply
• -20ºC to +85ºC operating temperature range
• Low power operation (typically at 350mW, including
Cable Driver)
• Small 11mm x 11mm 100-ball BGA package
• Pb-free and RoHS compliant
Applications
Application: 1080p 30 Camera/Camcorder
ADC
Audio
Processor
Video
Processor
CCD
20-bit
GS1672
SD/HD-SDI
HV F/PCLK
CTRL/TIME CODE
AES - IN
AUDIO 1/ 2
AUDIO 3/4
Audio Clocks
Storage:
Tape/Disc /Solid State
MIC
OPTICS
Application: Multi-format Audio Embedded Module
SD/HD-SDI
PCLK
10-bit
GS1670
GS1672
ADC
Switch
Logic
&
Buffers
SD/HD-SDI
Analog
Audio
Inputs
AES
Audio
Inputs
AUDIO 1/ 2
AUDIO 3/ 4
AUDIO 5/ 6
AUDIO 7/ 8
SRC
GS4911
HV F
Audio Clocks
Application: Multi-format Digital VTR/Video Server
Storage:
Tape/ HDD/Solid State
Audio
Processor
Video
Processor
20-bit
HV F/PCLK
Audio Inputs
V ideo Inputs
GS4911
Audio Clocks
GS1672
SD/HD-SDI
Sync
Seperator
Analog
Sync
AUDIO1/2
AUDIO3/4
AUDIO5/6
AUDIO7/8
XTAL
Keyer
Keyer
Application: Multi-format Presentation Switcher
(Output Stage)
DVE
Mixers
Key & Fill
Logo
Inserter
Image
Store
Key/Fill
Inputs
GS1672
10-bit + Clk
20-bit + Clk
SD/HD
Auxiliary
Preview
Program
Audio
Mixer
AE S from Input Dem ux
V oice-Over
P reset AE S In
Program AE S In
P rogram AE S Out
P review AE S Out
I2C Audio + Clocks
20-bit + Clk
GS4911
Analog
Sync
XTAL
Sync
Seperator
Clock &
Sync Distribution
GS1672
GS1672
SD/HD
SD/HD
Application: HD-SDI Test Signal Generator
GS4911
Analog
Sync
Sync
Seperator
Video
Signal
Generator
XTAL
Audio
Generator
Memory
HV F/PCLK
Audio Clocks
20-bit
GS1672
HD-SDI
AE S 1/ 2
AE S 3/ 4
AE S 5/ 6
AE S 7/ 8
HV F/PCLK


同様の部品番号 - GS1672

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1672 GENNUM-GS1672 Datasheet
3Mb / 116P
   Integrated Cable Driver
More results

同様の説明 - GS1672

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS1662 SEMTECH-GS1662 Datasheet
2Mb / 73P
   HD/SD-SDI Serializer with Complete SMPTE Video Support
GS2972 SEMTECH-GS2972 Datasheet
3Mb / 125P
   3G/HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
GS2962 SEMTECH-GS2962 Datasheet
2Mb / 82P
   3G/HD/SD-SDI Serializer with Complete SMPTE Video Support
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2970A SEMTECH-GS2970A Datasheet
4Mb / 150P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com