データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1675 データシート(PDF) 6 Page - Semtech Corporation

部品番号 GS1675
部品情報  SD/HD SDI Reclocker
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1675 データシート(HTML) 6 Page - Semtech Corporation

Back Button GS1675 Datasheet HTML 2Page - Semtech Corporation GS1675 Datasheet HTML 3Page - Semtech Corporation GS1675 Datasheet HTML 4Page - Semtech Corporation GS1675 Datasheet HTML 5Page - Semtech Corporation GS1675 Datasheet HTML 6Page - Semtech Corporation GS1675 Datasheet HTML 7Page - Semtech Corporation GS1675 Datasheet HTML 8Page - Semtech Corporation GS1675 Datasheet HTML 9Page - Semtech Corporation GS1675 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
GS1675 SD/HD SDI Reclocker
Data Sheet
54174 - 1
June 2011
6 of 37
26
XTAL-
Input
Reference crystal input.
27
CS
Input/Logic
Input
In host mode (HIF set LOW):
Chip select input for SPI serial host interface. Active-low input.
In non-host mode (HIF set HIGH):
Set LOW. Gennum recommends using a weak pull-down resistor (~50kΩ).
28
SCK
Input/Logic
Input
In host mode (HIF set LOW):
Burst-mode clock input for SPI serial host interface.
In non-host mode (HIF set HIGH):
Set LOW. Gennum recommends using a weak pull-down resistor (~50kΩ).
29
SDO
Input/Logic
Input
In host mode (HIF set LOW):
Serial digital data output for SPI serial host interface. Active-high output.
In non-host mode (HIF set HIGH):
Set LOW. Gennum recommends using a weak pull-down resistor (~50kΩ).
30
SDI
Input/Logic
Input
In host mode (HIF set LOW):
Serial digital data input for SPI serial host interface. Active-high input.
In non-host mode (HIF set HIGH):
Set LOW. Gennum recommends using a weak pull-down resistor (~50kΩ).
31
VEE_CP
Power
Most negative power supply connection for the internal
charge pump. Connect to GND.
32
VCC_CPPower
Most positive power supply connection for the internal charge pump.
Connect to 3.3V or 2.5V
Center Pad
Ground pad on bottom of package. Connect to GND.
Table 1-1: GS1675 Pin Descriptions (Continued)
Pin Number
Name
Type
Description


同様の部品番号 - GS1675

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1675 GENNUM-GS1675 Datasheet
1Mb / 37P
   Differential inputs and outputs
More results

同様の説明 - GS1675

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
logo
Texas Instruments
LMH0046 TI1-LMH0046_14 Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
LMH0346 TI1-LMH0346 Datasheet
883Kb / 23P
[Old version datasheet]   HD/SD SDI Reclocker with Dual Differential Outputs
LMH0336 TI1-LMH0336 Datasheet
136Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker
logo
Semtech Corporation
GS9076 SEMTECH-GS9076 Datasheet
464Kb / 25P
   SD-SDI Automatic Reclocker
logo
Texas Instruments
LMH0046MH TI-LMH0046MH Datasheet
2Mb / 20P
[Old version datasheet]   LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
logo
M/A-COM Technology Solu...
M21350-15 MA-COM-M21350-15 Datasheet
1Mb / 62P
   3G/HD/SD-SDI Multi-rate Video Quad Reclocker
logo
National Semiconductor ...
LMH0056 NSC-LMH0056 Datasheet
613Kb / 13P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 NSC-LMH0056_07 Datasheet
325Kb / 16P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com