データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS2974B データシート(PDF) 2 Page - Semtech Corporation

部品番号 GS2974B
部品情報  HD-LINX??III Adaptive Cable Equalizer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2974B データシート(HTML) 2 Page - Semtech Corporation

  GS2974B Datasheet HTML 1Page - Semtech Corporation GS2974B Datasheet HTML 2Page - Semtech Corporation GS2974B Datasheet HTML 3Page - Semtech Corporation GS2974B Datasheet HTML 4Page - Semtech Corporation GS2974B Datasheet HTML 5Page - Semtech Corporation GS2974B Datasheet HTML 6Page - Semtech Corporation GS2974B Datasheet HTML 7Page - Semtech Corporation GS2974B Datasheet HTML 8Page - Semtech Corporation GS2974B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
GS2974B GS2974B HD-LINX™ III Adaptive Cable
Equalizer
Data Sheet
45062 - 3
April 2009
2 of 17
Revision History
Version
ECR
PCN
Date
Changes and/or Modifications
3
151788
April 2009
Corrected 250pc part number in 6.6 Ordering
Information.
2
151333
January 2009
Added 2500pc reel size to 6.6 Ordering
Information. Added the maximum power
consumption in Table 2-1: DC Electrical
Characteristics. Changed the Output Voltage
Swing from 550mVp-p to 600mVp-p in Table
2-2: AC Electrical Characteristics.
1
149533
April 2008
Converted to Data Sheet. Updated document
format. Re-wrote section 4.3 Programmable
Maximum Cable Length Adjust (MCLADJ).
Added Tape and Reel to 6.6 Ordering
Information.
0
148227
November
2007
Converted to Preliminary Data Sheet.
Changed Input ESD Voltage to 4kV in 2.1
Absolute Maximum Ratings. Replaced 5.3
Typical Application Circuit.
B
146732
August 2007
Addition of High Gain Adaptive Cable
Equalizers on page 12, and removal of Typical
Application Circuit on page 13.
A
145689
July 2007
New document.


同様の部品番号 - GS2974B

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS2974B GENNUM-GS2974B Datasheet
703Kb / 17P
   HD-LINX III Adaptive Cable Equalizer
More results

同様の説明 - GS2974B

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS2974A GENNUM-GS2974A Datasheet
618Kb / 16P
   HD-LINX III Adaptive Cable Equalizer
GS2974B GENNUM-GS2974B Datasheet
703Kb / 17P
   HD-LINX III Adaptive Cable Equalizer
logo
Semtech Corporation
GS2974A SEMTECH-GS2974A Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
logo
Gennum Corporation
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS1574A SEMTECH-GS1574A Datasheet
1Mb / 16P
   HD-LINX짰 II Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com