データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UF1010C データシート(PDF) 1 Page - Diode Semiconductor Korea

部品番号 UF1010C
部品情報  ULTRA FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DSK [Diode Semiconductor Korea]
ホームページ  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

UF1010C データシート(HTML) 1 Page - Diode Semiconductor Korea

  UF1010C Datasheet HTML 1Page - Diode Semiconductor Korea UF1010C Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
3
2
10.2± 0.2
? 3.8± 0.15
PIN
0.9± 0.1
2.5± 0.1
2.6± 0.2
0.5± 0.1
1.4± 0.2
4.5± 0.2
PIN 1
PIN 3
CASE
PIN 2
FEATURES
Low cost
Diffusde junction
Glass passivated chip junction
Low forward voltage drop
High current capability
MECHANICAL DATA
Case:JEDEC TO-220AB
Terminals: Solderable per
MIL- STD-202,Method 208
Polarity: As marked
Weight: 0.071 ounces,2.006 gram
Mounting position: Any
Ratings at 25
 ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
UNITS
Maximumrecurrent peak reverse voltage
VRRM
100
200
300
400
600
800
V
MaximumRMS voltage
VRMS
70
140
210
280
420
560
V
MaximumDC blocking voltage
VDC
100
200
300
400
600
800
V
Maximumaverage forw ard rectified current
@T
C=100
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximuminstantaneous forw ard voltage
@ 5.0A
VF
V
Maximumreverse current
@T
A=25
at rated DC blocking voltage
@T
A=125
Maximumreverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
1.0
1.3
1.7
60
50
100
500
10
125
UF
UF
UF
UF
UF
UF
10
3.Thermal resistance junction to ambient
A
IR
IFSM
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
2. Measured at 1.0MH
Z and applied rev erse v oltage of 4.0V DC.
A
- 55 ----- + 150
- 55 ----- + 150
80
50
UF1010C---UF1080C
A
Easily cleaned with freon, alcohol,Isopropanol
z
and similar solvents
IF(AV)
ULTRA FAST RECTIFIERS
VOLTAGE RANGE: 100 --- 800 V
CURRENT:
10 A
TO-220AB
The plastic material carries U/L recognition 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
1010C
1020C
1030C
1040C
1060C
1080C
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


同様の部品番号 - UF1010C

メーカー部品番号データシート部品情報
logo
Shenzhen Luguang Electr...
UF1010C LUGUANG-UF1010C Datasheet
139Kb / 2P
   Ultra Fast Rectifiers
More results

同様の説明 - UF1010C

メーカー部品番号データシート部品情報
logo
Shenzhen Ping Sheng Ele...
UF5400 PFS-UF5400 Datasheet
170Kb / 2P
   ULTRA FAST RECTIFIER
logo
Solid States Devices, I...
SDR6K SSDI-SDR6K_2 Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
   Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
   Ultra Fast Rectifier
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
   ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0135A SSDI-RC0135A Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0164A SSDI-RC0164A Datasheet
138Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
   ULTRA FAST RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com