データシートサーチシステム |
|
SLX-6RS-4SC-D1 データシート(PDF) 1 Page - Red Lion Controls. Inc |
|
SLX-6RS-4SC-D1 データシート(HTML) 1 Page - Red Lion Controls. Inc |
1 / 2 page SL/SLX-6RS-1/4/5 Industrial Ethernet Switch Sixnet Networking Series 6 Port Industrial Ethernet Ring Switch SOLUTIONS FOR YOUR INDUSTRIAL NETWORKING CHALLENGES WWW.SIXNET.COM SOLUTIONS FOR YOUR INDUSTRIAL NETWORKING CHALLENGES WWW.SIXNET.COM 6 PORT INDUSTRIAL ETHERNET RING SWITCH SL/SLX-6RS-1/4/5 PRODUCT DATASHEET The SL/SLX-6RS is a 6 port industrial Ethernet switch featuring Sixnet’s Real-Time-Ring™ which provides very fast, fault-tolerant network redundancy and prioritized message delivery needed in critical real-time systems. These Rings self-congure and just run, without the complex conguration steps required by alternative solutions. This advanced technology delivers reliability and performance, saves you money, and makes your job easier. PRODUCT HIGHLIGHTS 6 ports including up to 2 ber optic Super-fast, fault-tolerant ring redundancy Pre-congured for true plug & play simplicity Truly industrial hardened design Slim case for DIN rail or direct panel mounting REAL-TIME FAULT-TOLERANT RINGS Recovery time of 30 mS plus 5 mS per hop! Ideal for deterministic systems and PLCs Real-time Modbus over Ethernet monitoring REAL-TIME TRAFFIC PRIORITIZATION (QoS) Assure delivery of real-time data Improve network utilization User settable priority assignments MANAGED SWITCH FEATURES – at a lower cost User congurable port settings Port mirroring for trafc diagnostics Message ltering to prevent broadcast storms TROUBLE FREE OPERATION Ultra-reliable 1,000,000 + hours MTBF -40 to +85 °C operating range (SLX model) UL/CSA (CUL), CE and Hazloc (Zone 2) rated (PENDING) Dual (redundant) power inputs Industrial surge and spike protection Self-test/alarm output contact t s rated SL SLX SL SLX 6 PORT INDUSTRIAL ETHERNET RING SWITCH SL/SLX-6RS-1/4/5 PRODUCT DATASHEET The SL/SLX-6RS is a 6 port industrial Ethernet switch featuring Sixnet’s Real-Time-Ring™ which provides very fast, fault-tolerant network redundancy and prioritized message delivery needed in critical real-time systems. These Rings self-configure and just run, without the complex configuration steps required by alternative solutions. This advanced technology delivers reliability and performance, saves you money, and makes your job easier. PRODUCT HIGHLIGHTS n 6 ports including up to 2 fiber optic n Super-fast, fault-tolerant ring redundancy n Pre-configured for true plug & play simplicity n Truly industrial hardened design n Slim case for DIN rail or direct panel mounting REAL-TIME FAULT-TOLERANT RINGS n Recovery time of 30 mS plus 5 mS per hop! n Ideal for deterministic systems and PLCs n Real-time Modbus over Ethernet monitoring REAL-TIME TRAFFIC PRIORITIZATION (QoS) n Assure delivery of real-time data n Improve network utilization n User settable priority assignments MANAGED SWITCH FEATURES – at a lower cost n User configurable port settings n Port mirroring for traffic diagnostics n Message filtering to prevent broadcast storms TROUBLE FREE OPERATION n Ultra-reliable 1,000,000 + hours MTBF n -40 to +85 °C operating range (SLX model) n UL/CSA (CUL), CE and Hazloc (Zone 2) rated n Dual (redundant) power inputs n Industrial surge and spike protection n Self-test/alarm output contact SOLUTIONS FOR YOUR INDUSTRIAL NETWORKING CHALLENGES WWW.SIXNET.COM SOLUTIONS FOR YOUR INDUSTRIAL NETWORKING CHALLENGES WWW.SIXNET.COM 6 PORT INDUSTRIAL ETHERNET RING SWITCH SL/SLX-6RS-1/4/5 PRODUCT DATASHEET The SL/SLX-6RS is a 6 port industrial Ethernet switch featuring Sixnet’s Real-Time-Ring™ which provides very fast, fault-tolerant network redundancy and prioritized message delivery needed in critical real-time systems. These Rings self-congure and just run, without the complex conguration steps required by alternative solutions. This advanced technology delivers reliability and performance, saves you money, and makes your job easier. PRODUCT HIGHLIGHTS 6 ports including up to 2 ber optic Super-fast, fault-tolerant ring redundancy Pre-congured for true plug & play simplicity Truly industrial hardened design Slim case for DIN rail or direct panel mounting REAL-TIME FAULT-TOLERANT RINGS Recovery time of 30 mS plus 5 mS per hop! Ideal for deterministic systems and PLCs Real-time Modbus over Ethernet monitoring REAL-TIME TRAFFIC PRIORITIZATION (QoS) Assure delivery of real-time data Improve network utilization User settable priority assignments MANAGED SWITCH FEATURES – at a lower cost User congurable port settings Port mirroring for trafc diagnostics Message ltering to prevent broadcast storms TROUBLE FREE OPERATION Ultra-reliable 1,000,000 + hours MTBF -40 to +85 °C operating range (SLX model) UL/CSA (CUL), CE and Hazloc (Zone 2) rated (PENDING) Dual (redundant) power inputs Industrial surge and spike protection Self-test/alarm output contact t s rated SL SLX SL SLX 6 PORT INDUSTRIAL ETHERNET RING SWITCH SL/SLX-6RS-1/4/5 PRODUCT DATASHEET The SL/SLX-6RS is a 6 port industrial Ethernet switch featuring Sixnet’s Real-Time-Ring™ which provides very fast, fault-tolerant network redundancy and prioritized message delivery needed in critical real-time systems. These Rings self-configure and just run, without the complex configuration steps required by alternative solutions. This advanced technology delivers reliability and performance, saves you money, and makes your job easier. PRODUCT HIGHLIGHTS n 6 ports including up to 2 fiber optic n Super-fast, fault-tolerant ring redundancy n Pre-configured for true plug & play simplicity n Truly industrial hardened design n Slim case for DIN rail or direct panel mounting REAL-TIME FAULT-TOLERANT RINGS n Recovery time of 30 mS plus 5 mS per hop! n Ideal for deterministic systems and PLCs n Real-time Modbus over Ethernet monitoring REAL-TIME TRAFFIC PRIORITIZATION (QoS) n Assure delivery of real-time data n Improve network utilization n User settable priority assignments MANAGED SWITCH FEATURES – at a lower cost n User configurable port settings n Port mirroring for traffic diagnostics n Message filtering to prevent broadcast storms TROUBLE FREE OPERATION n Ultra-reliable 1,000,000 + hours MTBF n -40 to +85 °C operating range (SLX model) n UL/CSA (CUL), CE and Hazloc (Zone 2) rated n Dual (redundant) power inputs n Industrial surge and spike protection n Self-test/alarm output contact SOLUTIONS FOR YOUR INDUSTRIAL NETWORKING CHALLENGES WWW.SIXNET.COM SOLUTIONS FOR YOUR INDUSTRIAL NETWORKING CHALLENGES WWW.SIXNET.COM 6 PORT INDUSTRIAL ETHERNET RING SWITCH SL/SLX-6RS-1/4/5 PRODUCT DATASHEET The SL/SLX-6RS is a 6 port industrial Ethernet switch featuring Sixnet’s Real-Time-Ring™ which provides very fast, fault-tolerant network redundancy and prioritized message delivery needed in critical real-time systems. These Rings self-congure and just run, without the complex conguration steps required by alternative solutions. This advanced technology delivers reliability and performance, saves you money, and makes your job easier. PRODUCT HIGHLIGHTS 6 ports including up to 2 ber optic Super-fast, fault-tolerant ring redundancy Pre-congured for true plug & play simplicity Truly industrial hardened design Slim case for DIN rail or direct panel mounting REAL-TIME FAULT-TOLERANT RINGS Recovery time of 30 mS plus 5 mS per hop! Ideal for deterministic systems and PLCs Real-time Modbus over Ethernet monitoring REAL-TIME TRAFFIC PRIORITIZATION (QoS) Assure delivery of real-time data Improve network utilization User settable priority assignments MANAGED SWITCH FEATURES – at a lower cost User congurable port settings Port mirroring for trafc diagnostics Message ltering to prevent broadcast storms TROUBLE FREE OPERATION Ultra-reliable 1,000,000 + hours MTBF -40 to +85 °C operating range (SLX model) UL/CSA (CUL), CE and Hazloc (Zone 2) rated (PENDING) Dual (redundant) power inputs Industrial surge and spike protection Self-test/alarm output contact t s rated SL SLX SL SLX 6 PORT INDUSTRIAL ETHERNET RING SWITCH SL/SLX-6RS-1/4/5 PRODUCT DATASHEET The SL/SLX-6RS is a 6 port industrial Ethernet switch featuring Sixnet’s Real-Time-Ring™ which provides very fast, fault-tolerant network redundancy and prioritized message delivery needed in critical real-time systems. These Rings self-configure and just run, without the complex configuration steps required by alternative solutions. This advanced technology delivers reliability and performance, saves you money, and makes your job easier. PRODUCT HIGHLIGHTS n 6 ports including up to 2 fiber optic n Super-fast, fault-tolerant ring redundancy n Pre-configured for true plug & play simplicity n Truly industrial hardened design n Slim case for DIN rail or direct panel mounting REAL-TIME FAULT-TOLERANT RINGS n Recovery time of 30 mS plus 5 mS per hop! n Ideal for deterministic systems and PLCs n Real-time Modbus over Ethernet monitoring REAL-TIME TRAFFIC PRIORITIZATION (QoS) n Assure delivery of real-time data n Improve network utilization n User settable priority assignments MANAGED SWITCH FEATURES – at a lower cost n User configurable port settings n Port mirroring for traffic diagnostics n Message filtering to prevent broadcast storms TROUBLE FREE OPERATION n Ultra-reliable 1,000,000 + hours MTBF n -40 to +85 °C operating range (SLX model) n UL/CSA (CUL), CE and Hazloc (Zone 2) rated n Dual (redundant) power inputs n Industrial surge and spike protection n Self-test/alarm output contact |
同様の部品番号 - SLX-6RS-4SC-D1 |
|
同様の説明 - SLX-6RS-4SC-D1 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |