データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD106WS データシート(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

部品番号 SD106WS
部品情報  SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
ホームページ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

SD106WS データシート(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  SD106WS Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd SD106WS Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd SD106WS Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd SD106WS Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOD-323 Plastic-Encapsulate Diodes
SD106WS SCHOTTKY BARRIER DIODE
FEATURES
MARKING: S21
Maximum Ratings and Electrical Characteristics, Single Diode @Ta=25
Parameter
Symbol
Limit
Unit
Non-repetitive peak reverse voltage
VRM
30
V
Forward current
IFM
200
mA
Non-repetitive Forward Surge Current
@t=8.3ms
IFSM
1
A
Power dissipation
Ptot
250
mW
Thermal resistance junction to ambient
RөJA
400
/W
Junction temperature
TJ
1
25
Storage temperature
TSTG
-
55~+150
Electrical Ratings @Ta=25
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Reverse breakdown voltage
VR
30
V
IR=100uA
Forward voltage
VF
260
320
420
490
550
mV
IF=2mA
IF=15mA
IF=100mA
IF=200mA
Reverse current
IR
5
µA
VR=30V
Capacitance between terminals
CT
15
pF
VR=10V,f=1MHz
• Low turn-on voltage
• Fast switching
• Microminiature plastic package
• This device is protected by a PN junction guard ring
against excessive voltage, such as electrostatic discharge
• Ideal for protection of MOS devices, steering,
biasing, and coupling diodes for fast switching and
low logic level applications
SOD-323
www.cj-elec.com
1
D,Mar,2015
The marking bar indicates the cathode
Solid dot = Green molding compound device,if none,
the normal device.


同様の部品番号 - SD106WS

メーカー部品番号データシート部品情報
logo
General Semiconductor
SD106WS GE-SD106WS Datasheet
78Kb / 1P
   SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
SD106WS BILIN-SD106WS Datasheet
224Kb / 3P
   Silicon Epitaxial Planar Diode
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
Micro Commercial Compon...
SD106WS MCC-SD106WS Datasheet
152Kb / 2P
   Schottky Diodes
logo
Galaxy Semi-Conductor H...
SD106WS BILIN-SD106WS Datasheet
278Kb / 3P
   Silicon Epitaxial Planar Diode
More results

同様の説明 - SD106WS

メーカー部品番号データシート部品情報
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com