データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2902AQS14-13 データシート(PDF) 5 Page - Diodes Incorporated

部品番号 LM2902AQS14-13
部品情報  AUTOMOTIVE COMPLIANT DUAL AND QUAD OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2902AQS14-13 データシート(HTML) 5 Page - Diodes Incorporated

  LM2902AQS14-13 Datasheet HTML 1Page - Diodes Incorporated LM2902AQS14-13 Datasheet HTML 2Page - Diodes Incorporated LM2902AQS14-13 Datasheet HTML 3Page - Diodes Incorporated LM2902AQS14-13 Datasheet HTML 4Page - Diodes Incorporated LM2902AQS14-13 Datasheet HTML 5Page - Diodes Incorporated LM2902AQS14-13 Datasheet HTML 6Page - Diodes Incorporated LM2902AQS14-13 Datasheet HTML 7Page - Diodes Incorporated LM2902AQS14-13 Datasheet HTML 8Page - Diodes Incorporated LM2902AQS14-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LM2902Q/LM2902AQ/LM2904Q/LM2904AQ
Document number: DS37815 Rev. 3 - 2
5 of 16
www.diodes.com
June 2016
© Diodes Incorporated
LM2902Q/LM2902AQ/LM2904Q/LM2904AQ
Electrical Characteristics (continued) (Notes 12 & 13) (@ VCC = +5.0V, TA = +25°C, unless otherwise specified.)
LM2904Q, LM2904AQ
Parameter
Conditions
TA
Min
Typ
Max
Unit
VIO
Input Offset Voltage
VIC = VCMR Min,
VO = 1.4V,
VCC = 5V to MAX
RS = 0Ω
Non-A Device
TA = +25°C
2
7
mV
Full Range
10
A-Suffix Device
TA = +25°C
1
2
Full Range
4
∆VIO/∆T
Input Offset Voltage Temperature
Drift
RS = 0Ω
Full Range
7
µV/
IB
Input Bias Current
IIN+ or IIN− with OUT in Linear Range,
VCMR = 0V (Note 9)
TA = +25°C
-20
-250
nA
Full Range
-500
IIO
Input Offset Current
IIN+ - IIN−, VCM = 0V
TA = +25°C
2
50
nA
Full Range
150
∆IIO/∆T
Input Offset Current Temperature
Drift
Full Range
10
pA/
VCMR
Input Common-Mode Voltage
Range
VCC = 30V (Note 10)
TA = +25°C
0 to
VCC -1.5
V
Full Range
0 to
VCC -2.0
ICC
Supply Current
(Two Amplifiers)
VO = 0.5 VCC, No Load
VCC = 30V
Full Range
0.7
2.0
mA
VO = 0.5 VCC, No Load
VCC = 5V
Full Range
0.5
1.2
AV
Voltage Gain
VCC = 15V, VOUT = 1V to 11V,
RL ≥ 2kΩ,
TA = +25°C
25
100
V/mV
Full Range
15
CMRR
Common Mode Rejection Ratio
DC,VCMR = 0V to VCC-1.5V
TA = +25°C
60
70
dB
PSRR
Power Supply Rejection Ratio
VCC = 5V to 30V
TA = +25°C
70
100
dB
Amplifier to Amplifier Coupling
f = 1kHz to 20kHz (Note 11)
TA = +25°C
120
dB
ISINK
Output Current
Sink
VIN- = 1V, VIN+ = 0V, VCC = 15V,
VO = 200mV
TA = +25°C
12
50
µA
VIN- = 1V, VIN+ = 0V, VCC = 15V,
VO = 15V
TA = +25°C
10
20
mA
Full Range
5
ISOURCE
Source
VIN+ = 1V, VIN- = 0V, VCC = 15V,
VO = 0V
TA = +25°C
-20
-40
-60
Full Range
-10
ISC
Short-Circuit to Ground
VCC = 5V, GND = -5V, VO = 0V
TA = +25°C
±40
±60
mA
VOH
High-Level Output Voltage Swing
RL = 10kΩ
TA = +25°C
VCC -1.5
V
VCC = 30V
RL = 2kΩ
Full Range
26
RL ≥ 10kΩ
27
28
VOL
Low-Lever Output Voltage Swing RL ≦ 10kΩ
Full Range
5
20
mV
AC Electrical Characteristics (Notes 12 & 13) (@ VCC = ±15.0V, TA = +25°C, unless otherwise specified.)
Parameter
Conditions
Typ
Unit
SR
Slew Rate at Unity Gain
RL = 1MΩ, CL = 30pF, VI = ±10V
0.3
V/µs
B1
Unity Gain Bandwidth
RL = 1MΩ, CL = 20pF
0.7
MHz
Vn
Equivalent Input Noise Voltage
RS = 100Ω, VI = 0V, f = 1kHz
40
nV/√Hz
Notes:
9. The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the
output so that no loading change exists on the input lines.
10. The input common-mode voltage of either input signal voltage should not be allowed to become negative by more than 0.3V (@ +25°C). The upper end
of the common-mode voltage range is VCC -1.5V (@ +25°C), but either or both inputs can go to +36V without damage, independent of the magnitude of
VCC.
11. Due to proximity of external components, ensure that coupling is not originating via stray capacitance between these external parts. This typically
can be detected as this type of capacitance increases at higher frequencies.
12. Typical values are all at TA = +25°C conditions and represent the most likely parametric norm as determined at the time of characterization. Actual
typical values may vary over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed
on shipped production material.
13. All limits are guaranteed by testing or statistical analysis. Limits over the full temperature (-40 ≤ TA ≤ +125°C) are guaranteed by design, but not
tested in production.


同様の部品番号 - LM2902AQS14-13

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
LM2902A DIODES-LM2902A Datasheet
863Kb / 15P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
logo
3PEAK INC.
LM2902A 3PEAK-LM2902A Datasheet
1Mb / 15P
   36V General Purpose Op Amps
LM2902A-SR 3PEAK-LM2902A-SR Datasheet
1Mb / 15P
   36V General Purpose Op Amps
LM2902A-TR 3PEAK-LM2902A-TR Datasheet
1Mb / 15P
   36V General Purpose Op Amps
LM2902AL1-SR 3PEAK-LM2902AL1-SR Datasheet
1Mb / 15P
   36V General Purpose Op Amps
More results

同様の説明 - LM2902AQS14-13

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
LM2902 DIODES-LM2902_18 Datasheet
791Kb / 16P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
LM2902 DIODES-LM2902 Datasheet
863Kb / 15P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
logo
Harris Corporation
HA5234 HARRIS-HA5234 Datasheet
277Kb / 5P
   Precision Dual and Quad Operational Amplifiers
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Diodes Incorporated
LM2901Q DIODES-LM2901Q Datasheet
670Kb / 19P
   AUTOMOTIVE COMPLIANT DUAL AND QUAD DIFFERENTIAL COMPARATORS
logo
Renesas Technology Corp
HA-5102 RENESAS-HA-5102 Datasheet
887Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102 Datasheet
498Kb / 16P
   Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
April 1999
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
logo
Analog Devices
OP492 AD-OP492_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com