データシートサーチシステム
  Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

PVA13N データシート(PDF) 1 Page - International Rectifier

部品番号 PVA13N
部品情報  POWER MOSFET PHOTOVOLTAIC RELAY SINGLE POLE NORMALLY-OPEN 0-100V AC/DC 375MA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

PVA13N データシート(HTML) 1 Page - International Rectifier

  PVA13N Datasheet HTML 1Page - International Rectifier PVA13N Datasheet HTML 2Page - International Rectifier PVA13N Datasheet HTML 3Page - International Rectifier PVA13N Datasheet HTML 4Page - International Rectifier PVA13N Datasheet HTML 5Page - International Rectifier PVA13N Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet No. PD10049-D
Series PVA13N
Microelectronic Power IC
HEX.ET® Power MOS.ET Photovoltaic Relay
Single-Pole, Normally-Open, 0-100V AC/DC, 375mA
General Description
The PVA13 Series AC Relay (PVA) is a single-pole,
normally open, solid-state replacement for
electromechanical relays used for general purpose
switching of analog signals. It utilizes International
Rectifier’s HEXFET power MOSFETs as the output
switches, driven by an integrated circuit photovoltaic
generator of novel construction. The output switch is
controlled by radiation from a GaAlAs light emitting
diode (LED), which is optically isolated from the
photovoltaic generator.
The PVA13 Series overcomes the limitations of both
conventional electromechanical and reed relays by
offering the solid state advantages of long life, fast
operating speed, low pick up power, bounce-free
operation, low thermal offset voltages and miniature
package. These advantages allow product
improvement and design innovations in many
applications such as process control, multiplexing,
automatic test equipment and data acquisition.
The PVA13 can switch analog signals from
thermocouple level to 100 Volts peak AC or DC
polarity. Signal frequencies into the RF range are
easily controlled and switching rates up to 450Hz are
achievable. The extremely small thermally generated
offset voltages allow increased measurement
accuracies.
These relays are packaged in 8-pin, molded DIP
packages and available with either thru-hole or
surface-mount (“gull-wing”) leads, in plastic shipping
tubes.
Applications
§
Process Control
§
Data Acquisition
§
Test Equipment
§
Multiplexing and Scanning
Features
§
Bounce-Free Operation
§
1010 Off-State Resistance
§
1,000 V/
µsec dv/dt
§
5 mA Input Sensitivity
§
4,000 V
RMS I/O Isolation
§
Solid-State Reliability
§
UL Recognized
§
ESD Tolerance:
4000V Human Body Model
500V Machine Model
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
Part Identification
PVA1352N
PVA1354N
PVA1352NS
PVA1354NS
thru-hole
surface-mount (gull-wing)
www.irf.com
1


Html Pages

1  2  3  4  5  6 


データシート ダウンロード

Go To PDF Page

関連電子部品番号

部品番号部品情報Html Viewメーカー
PVD1352 Microelectronic Power IC PHOTOVOLTAIC RELAY SINGLE POLE 500MA 0-100V DC 1  2  3  4  5  More International Rectifier
PVG613 HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-60V 1.0A AC/ 2.0 A DC 1  2  3  4  5  International Rectifier
PVAZ172N POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole Normally Open 0-60V AC 1.0A 1  2  3  4  International Rectifier
PVDZ172N POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole Normally Open 0-60V DC 1.5A 1  2  3  4  International Rectifier
PVG612 Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole Normally Open 0-60V 1.0A AC/ 2.0 A DC 1  2  3  4  International Rectifier
PVN012 Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole Normally Open 0-20V 2.5A AC/ 4.5A DC 1  2  3  4  International Rectifier
PVA30N Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole Normally-Open 0-300V AC/DC 50mA 1  2  3  4  5  More International Rectifier
PVA33N Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole Normally-Open 0-300V AC/DC 150mA 1  2  3  4  5  More International Rectifier
PVO402P POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Dual Pole Normally Open Ring Detector 0-400V 120mA AC/DC 1  2  3  4  5  More International Rectifier
PVT442 Microelectronic Power IC HEXFET Power MOSFET Relay Single Pole Normally Closed 0-400V 170mA AC/DC 1  2  3  4  5  International Rectifier

リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn