データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4882DY データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI4882DY
部品情報  N-Channel Reduced Qg, Fast Switching MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4882DY データシート(HTML) 1 Page - Vishay Siliconix

  SI4882DY Datasheet HTML 1Page - Vishay Siliconix SI4882DY Datasheet HTML 2Page - Vishay Siliconix SI4882DY Datasheet HTML 3Page - Vishay Siliconix SI4882DY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Si4882DY
Vishay Siliconix
New Product
Document Number: 70878
S-00271—Rev. A, 26-Apr-99
www.vishay.com
S FaxBack 408-970-5600
2-1
N-Channel Reduced Qg, Fast Switching MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
30
0.0105 @ VGS = 10 V
"11
30
0.0205 @ VGS = 4.5 V
"8
SD
S
D
SD
G
D
SO-8
5
6
7
8
Top View
2
3
4
1
N-Channel MOSFET
DD
G
S
D
D
S
S
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
"25
V
Continuous Drain Current (TJ = 150_C)a, b
TA = 25_C
ID
"11
A
Continuous Drain Current (TJ = 150_C)a, b
TA = 70 _C
ID
"9
A
Pulsed Drain Current
IDM
"50
A
Continuous Source Current (Diode Conduction)a, b
IS
2.3
Maximum Power Dissipationa, b
TA = 25_C
PD
2.5
W
Maximum Power Dissipationa, b
TA = 70_C
PD
1.6
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambient (MOSFET)a
t
v 10 sec
RthJA
35
50
_C/W
Maximum Junction-to-Ambient (MOSFET)a
Steady State
RthJA
68
80
_C/W
Maximum Junction-to-Foot
Steady State
RthJF
19
25
Notes
a.
Surface Mounted on FR4 Board.
b.
t
v 10 sec.


同様の部品番号 - SI4882DY

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI4880DY VISHAY-SI4880DY Datasheet
54Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. A, 01-Feb-99
logo
NXP Semiconductors
SI4884 PHILIPS-SI4884 Datasheet
89Kb / 12P
   TrenchMOS??logic level FET
Rev. 02-12 April 2002
logo
Vishay Siliconix
SI4884BDY VISHAY-SI4884BDY Datasheet
123Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 01-Aug-05
SI4884BDY VISHAY-SI4884BDY Datasheet
192Kb / 9P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 09-Feb-09
SI4884BDY-T1 VISHAY-SI4884BDY-T1 Datasheet
123Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 01-Aug-05
More results

同様の説明 - SI4882DY

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7860DP-T1 VISHAY-SI7860DP-T1 Datasheet
147Kb / 7P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. E, 09-Feb-09
SI4872DY VISHAY-SI4872DY Datasheet
57Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. A, 17-Jul-00
SI4850EY VISHAY-SI4850EY Datasheet
61Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 29-Mar-04
SI6802DQ VISHAY-SI6802DQ Datasheet
59Kb / 4P
   N-Channel, Reduced Qg, Fast Switching MOSFET
Rev. C, 18-Dec-96
logo
DinTek Semiconductor Co...
DTB6035 DINTEK-DTB6035 Datasheet
235Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
logo
Vishay Siliconix
SI4800BDY VISHAY-SI4800BDY Datasheet
252Kb / 9P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI4398DY VISHAY-SI4398DY Datasheet
104Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 14-Feb-11
SI4800BDY VISHAY-SI4800BDY_17 Datasheet
185Kb / 8P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI7384DP VISHAY-SI7384DP Datasheet
96Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 03-Mar-08
SI4800BDY-T1 VISHAY-SI4800BDY-T1 Datasheet
252Kb / 9P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI9422DY VISHAY-SI9422DY Datasheet
53Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 23-Nov-98
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com