データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AVCAH164245VR データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AVCAH164245VR
部品情報  16 BIT DUAL BUS TRANSCEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCAH164245VR データシート(HTML) 8 Page - Texas Instruments

Back Button SN74AVCAH164245VR Datasheet HTML 4Page - Texas Instruments SN74AVCAH164245VR Datasheet HTML 5Page - Texas Instruments SN74AVCAH164245VR Datasheet HTML 6Page - Texas Instruments SN74AVCAH164245VR Datasheet HTML 7Page - Texas Instruments SN74AVCAH164245VR Datasheet HTML 8Page - Texas Instruments SN74AVCAH164245VR Datasheet HTML 9Page - Texas Instruments SN74AVCAH164245VR Datasheet HTML 10Page - Texas Instruments SN74AVCAH164245VR Datasheet HTML 11Page - Texas Instruments SN74AVCAH164245VR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SN74AVCAH164245
16BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES396A − JULY 2002 − REVISED MAY 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCCA = 2.5 V ± 0.2 V (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A
B
1.6
6
1.8
5.6
1.5
4
1.4
3.4
ns
tpd
B
A
1.3
4.6
1.7
4.4
1.5
4
1.4
3.7
ns
ten
OE
A
2.6
7.4
2.7
7.2
2.2
5.3
2
4.5
ns
ten
OE
B
1.2
4.1
2.2
5.1
2.2
5.3
2.2
5.3
ns
tdis
OE
A
2
5.7
2.3
5.7
1.4
3.7
1.6
4
ns
tdis
OE
B
0.9
4.5
1.7
4.5
1.4
3.7
1.4
3.7
ns
switching characteristics over recommended operating free-air temperature range,
VCCA = 3.3 V ± 0.3 V (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A
B
1.5
5.9
1.7
5.4
1.5
3.7
1.4
3.1
ns
tpd
B
A
1.3
4.5
1.6
3.8
1.5
3.3
1.4
3.1
ns
ten
OE
A
2.5
7
2.6
6.9
2.1
5
1.9
4.1
ns
ten
OE
B
0.8
2.6
1.9
4
2
4.1
1.9
4.1
ns
tdis
OE
A
1.2
5.4
2.2
5.2
1.2
3.3
1.5
3.6
ns
tdis
OE
B
1.2
5.4
1.7
4.4
1.5
3.6
1.5
3.6
ns
operating characteristics, VCCA and VCCB = 3.3 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Power dissipation capacitance per transceiver,
Outputs enabled
14
CpdA
Power dissipation capacitance per transceiver,
A port input, B port output
Outputs disabled
CL = 0,
f = 10 MHz
7
pF
CpdA
Power dissipation capacitance per transceiver,
Outputs enabled
CL = 0,
f = 10 MHz
20
pF
Power dissipation capacitance per transceiver,
B port input, A port output
Outputs disabled
7
Power dissipation capacitance per transceiver,
Outputs enabled
14
CpdB
Power dissipation capacitance per transceiver,
A port input, B port output
Outputs disabled
CL = 0,
f = 10 MHz
7
pF
CpdB
Power dissipation capacitance per transceiver,
Outputs enabled
CL = 0,
f = 10 MHz
20
pF
Power dissipation capacitance per transceiver,
B port input, A port output
Outputs disabled
7


同様の部品番号 - SN74AVCAH164245VR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AVCAH164245VR TI-SN74AVCAH164245VR Datasheet
385Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245VR TI-SN74AVCAH164245VR Datasheet
171Kb / 11P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245VR TI-SN74AVCAH164245VR Datasheet
500Kb / 18P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245VR TI1-SN74AVCAH164245VR Datasheet
848Kb / 19P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

同様の説明 - SN74AVCAH164245VR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVCH16T245 TI1-SN74LVCH16T245_15 Datasheet
1,020Kb / 30P
[Old version datasheet]   16-bit Dual-supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT Datasheet
193Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74AVC16T245 TI-SN74AVC16T245 Datasheet
431Kb / 18P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER
SN74AVCH16T245 TI1-SN74AVCH16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com