データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74CBT3305CD データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74CBT3305CD
部品情報  DUALFET BUS SWICH 5-V BUS SWITCH -2-V UNDERSHOOT PROTECTION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT3305CD データシート(HTML) 1 Page - Texas Instruments

  SN74CBT3305CD Datasheet HTML 1Page - Texas Instruments SN74CBT3305CD Datasheet HTML 2Page - Texas Instruments SN74CBT3305CD Datasheet HTML 3Page - Texas Instruments SN74CBT3305CD Datasheet HTML 4Page - Texas Instruments SN74CBT3305CD Datasheet HTML 5Page - Texas Instruments SN74CBT3305CD Datasheet HTML 6Page - Texas Instruments SN74CBT3305CD Datasheet HTML 7Page - Texas Instruments SN74CBT3305CD Datasheet HTML 8Page - Texas Instruments SN74CBT3305CD Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN74CBT3305C
DUAL FET BUS SWITCH
5V BUS SWITCH WITH 2V UNDERSHOOT PROTECTION
SCDS125A − SEPTEMBER 2003 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Undershoot Protection for Off-Isolation on
A and B Ports Up To −2 V
D Bidirectional Data Flow, With Near-Zero
Propagation Delay
D Low ON-State Resistance (ron)
Characteristics (ron = 3 Ω Typical)
D Low Input/Output Capacitance Minimizes
Loading and Signal Distortion
(Cio(OFF) = 5 pF Typical)
D Data and Control Inputs Provide
Undershoot Clamp Diodes
D Low Power Consumption
(ICC = 3 µA Max)
D VCC Operating Range From 4 V to 5.5 V
D Data I/Os Support 0 to 5-V Signaling Levels
(0.8-V, 1.2-V, 1.5-V, 1.8-V, 2.5-V, 3.3-V, 5-V)
D Control Inputs Can Be Driven by TTL or
5-V/3.3-V CMOS Outputs
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
D Supports Both Digital and Analog
Applications: USB Interface, Bus Isolation,
Low-Distortion Signal Gating
D OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OE
1A
1B
GND
VCC
2OE
2B
2A
description/ordering information
The SN74CBT3305C is a high-speed TTL-compatible FET bus switch with low ON-state resistance (ron),
allowing for minimal propagation delay. Active Undershoot-Protection Circuitry on the A and B ports of the
SN74CBT3305C provides protection for undershoot up to −2 V by sensing an undershoot event and ensuring
that the switch remains in the proper OFF state.
The SN74CBT3305C is organized as two 1-bit bus switches with separate output-enable (1OE, 2OE) inputs.
It can be used as two 1-bit bus switches or as one 2-bit bus switch. When OE is high, the associated 1-bit bus
switch is ON, and the A port is connected to the B port, allowing bidirectional data flow between ports. When
OE is low, the associated 1-bit bus switch is OFF, and the high-impedance state exists between the A and B
ports.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC − D
Tube
SN74CBT3305CD
CU305C
−40
°C to 85°C
SOIC − D
Tape and reel
SN74CBT3305CDR
CU305C
−40
°C to 85°C
TSSOP − PW
Tube
SN74CBT3305CPW
CU305C
TSSOP − PW
Tape and reel
SN74CBT3305CPWR
CU305C
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


同様の部品番号 - SN74CBT3305CD

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CBT3305CD TI1-SN74CBT3305CD Datasheet
1Mb / 16P
[Old version datasheet]   DUAL FET BUS SWITCH 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
SN74CBT3305CDGKR TI1-SN74CBT3305CDGKR Datasheet
1Mb / 16P
[Old version datasheet]   DUAL FET BUS SWITCH 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
SN74CBT3305CDR TI1-SN74CBT3305CDR Datasheet
1Mb / 16P
[Old version datasheet]   DUAL FET BUS SWITCH 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
More results

同様の説明 - SN74CBT3305CD

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CBT3125C TI1-SN74CBT3125C_15 Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 5-V BUS SWITCH-2-V UNDERSHOOT PROTECTION
SN74CBT3306C TI1-SN74CBT3306C Datasheet
570Kb / 14P
[Old version datasheet]   DUAL FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3125C TI-SN74CBT3125C_08 Datasheet
830Kb / 19P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C Datasheet
188Kb / 11P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3244C TI-SN74CBT3244C Datasheet
423Kb / 16P
[Old version datasheet]   B-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16211C TI-SN74CBT16211C Datasheet
246Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT3245C TI-SN74CBT3245C Datasheet
413Kb / 15P
[Old version datasheet]   8-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C_08 Datasheet
370Kb / 13P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C_08 Datasheet
369Kb / 13P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com