データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB2B5 データシート(PDF) 1 Page - GOOD-ARK Electronics

部品番号 SB2B5
部品情報  Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GOOD-ARK [GOOD-ARK Electronics]
ホームページ  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SB2B5 データシート(HTML) 1 Page - GOOD-ARK Electronics

  SB2B5 Datasheet HTML 1Page - GOOD-ARK Electronics SB2B5 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB2B5 & SB2C0
Schottky Barrier Rectifiers
Reverse Voltage 150 to 200 Volts Forward Current 2.0 Amperes
Features
◆ Metal-Semiconductor junction with guard ring
◆ Epitaxial construction
◆ Low forward voltage drop
◆ High current capability
◆ The plastic material carries UL recognition 94V-0
◆ For use in low voltage , high frequency inverters , free
wheeling , and polarity protection applications
Mechanical Data
◆ Case : JEDEC DO-204AC(DO-15) molded plastic
◆ Polarity : Color band denotes cathode
◆ Weight : 0.014 ounce , 0.39 gram
◆ Mounting position : Any
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified
Single phase , half wave , 60Hz, resistive or inductive load
For capacitive load , derate current by 20%
Parameter
Symbol
SB 2B5
SB2C0
Units
Maximum repetitive peak reverse voltage
VRRM
150
200
Volts
Maximum RMS voltage
VRMS
105
140
Volts
Maximum DC blocking voltage
VDC
150
200
Volts
Maximum average forward rectified current
0.375”(9.5mm) lead length at TL=100℃
IF(AV)
2.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed onrates load
IFSM
60
Amps
Maximum DC reverse current @Tj=25℃
at rated DC blocking voltage @Tj=100℃
IR
0.01
2
mA
Maximum forward voltage at 2.0A DC
VF
0.90
Volts
Typical thermal resistance(Note 2)
RθJL
27
℃/W
Operating junction temperature range
Tj
-55 to +150
storage temperature range
TSTG
-55 to +150
Notes:1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2. Thermal Resistance Junction to Lead.


同様の部品番号 - SB2B5

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SB2B0 EIC-SB2B0 Datasheet
29Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
GOOD-ARK Electronics
SB2B0 GOOD-ARK-SB2B0 Datasheet
180Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SynSemi, Inc.
SB2B0 SYNSEMI-SB2B0 Datasheet
37Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Shanghai Shunye Electro...
SB2B0 SY-SB2B0 Datasheet
234Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SB2B0 EIC-SB2B0 Datasheet
54Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
More results

同様の説明 - SB2B5

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com