データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3V330PWR データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS3V330PWR
部品情報  QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS3V330PWR データシート(HTML) 6 Page - Texas Instruments

Back Button TS3V330PWR Datasheet HTML 2Page - Texas Instruments TS3V330PWR Datasheet HTML 3Page - Texas Instruments TS3V330PWR Datasheet HTML 4Page - Texas Instruments TS3V330PWR Datasheet HTML 5Page - Texas Instruments TS3V330PWR Datasheet HTML 6Page - Texas Instruments TS3V330PWR Datasheet HTML 7Page - Texas Instruments TS3V330PWR Datasheet HTML 8Page - Texas Instruments TS3V330PWR Datasheet HTML 9Page - Texas Instruments TS3V330PWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TS3V330
QUAD SPDT WIDEBANDWIDTH VIDEO SWITCH
WITH LOW ONSTATE RESISTANCE
SCDS162B – MAY 2004 – REVISED OCTOBER 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V + 0.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
EN, IN
VCC = 3 V,
IIN = −18 mA
−1.8
V
VH
EN, IN
150
mV
IIH
EN, IN
VCC = 3.6 V,
VIN and VEN = VCC
±1
µA
IIL
EN, IN
VCC = 3.6 V,
VIN and VEN = GND
±1
µA
IOZ‡
VCC = 3.6 V,
VO = 0 to 3.6 V,
VI = 0,
Switch OFF
±1
µA
IOS§
VCC = 3.6 V,
VO = 0.5 VCC,
VI = 0,
Switch ON
50
mA
Ioff
VCC = 0,
VO = 0 to 3.6 V,
VI = 0
15
µA
ICC
VCC = 3.6 V,
II/O = 0,
Switch ON or OFF
10
µA
∆ICC
EN, IN
VCC = 3.6 V,
One input at 3 V,
Other inputs at VCC or GND
750
µA
ICCD
VCC = 3.6 V,
VEN = GND,
D and S ports open,
VIN input switching 50% duty cycle
0.45
mA/
MHz
CIN
EN, IN
VIN or VEN = 0,
f = 1 MHz
3.5
pF
COFF
D port
VI = 0,
f = 1 MHz,
Outputs open
Switch OFF
10
pF
COFF
S port
VI = 0,
f = 1 MHz,
Outputs open
Switch OFF
5
pF
CON
VI = 0,
f = 1 MHz,
Outputs open
Switch ON
17
pF
ron¶
VCC = 3 V
VI = 1 V,
IO = 13 mA,
RL = 75 Ω
5
7
ron¶
VCC = 3 V
VI = 2 V,
IO = 26 mA,
RL = 75 Ω
7
10
VI, VO, II, and IO refer to I/O pins.
† All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
‡ For I/O ports, IOZ includes the input leakage current.
§ The IOS test is applicable to only one ON channel at a time. The duration of this test is less than one second.
¶ Measured by the voltage drop between the D and S terminals at the indicated current through the switch. ON-state resistance is determined by
the lower of the voltages of the two (D or S) terminals.
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V + 0.3 V, RL = 75 Ω, CL = 20 pF (unless otherwise noted) (see Figure 5)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
UNIT
tON
S
D
2.5
6.5
ns
tOFF
S
D
1.1
3.5
ns
dynamic
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V + 0.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP†
UNIT
DG#
RL = 150 Ω,
f = 3.58 MHz, see Figure 6
0.82
%
DP#
RL = 150 Ω,
f = 3.58 MHz, see Figure 6
0.1
Deg
BW
RL = 150 Ω, see Figure 7
300
MHz
XTALK
RL = 150 Ω,
f = 10 MHz,
RIN = 10 Ω, see Figure 8
−80
dB
OIRR
RL = 150 Ω,
f = 10 MHz, see Figure 9
−50
dB
† All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
# DG and DP are expressed in absolute magnitude.


同様の部品番号 - TS3V330PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3V330PWR TI-TS3V330PWR Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330PWR TI-TS3V330PWR Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330PWRE4 TI-TS3V330PWRE4 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330PWRE4 TI-TS3V330PWRE4 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330PWRG4 TI-TS3V330PWRG4 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
More results

同様の説明 - TS3V330PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
360Kb / 17P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330 TI-TS5V330_10 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_09 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
   Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
logo
Texas Instruments
TS3L100 TI-TS3L100_10 Datasheet
785Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com