データシートサーチシステム |
|
KIC3201S-27 データシート(PDF) 1 Page - KEC(Korea Electronics) |
|
KIC3201S-27 データシート(HTML) 1 Page - KEC(Korea Electronics) |
1 / 5 page 1/5 SEMICONDUCTOR TECHNICAL DATA Large Current Positive Voltage Regulator The KIC3201S/T series are highly precise, low power consumption, positive voltage regulators manufactured using CMOS and laser trimming technologies. The series provides large currents with a significantly small dropout voltage. The KIC3201S/T consists of a driver transistor, a precision reference voltage and an error amplifier. Output voltage is selectable in 0.05V steps between a voltage of 1.2V and 6.0V. Features ・Maximum Output Current : 400mA ・Dropout Voltage : 150mV @100mA, 300mV @200mA for V OUT=3.0V ・Maximum Operating Voltage : 10V ・Output Voltage Range : 1.2V ~ 6.0V (selectable in 0.05V steps) ・Highly Accurate : ±2% ・Low Power Consumption : Typ. 8.0uA ・Operational Temperature Range : -40 ℃ ~ 85℃ ・Low ESR Capacitor : Ceramic compatible or Tantalum Applications ・Battery Powered Equipment ・Reference Voltage Sources ・Digital Cameras, Camcoders ・Palmtop Computers ・Portable Audio Video Equipment DIM A B D E G H K 4.70 MAX 2.50 0.20 1.70 MAX 0.45+0.15/-0.10 4.25 MAX 1.50 0.10 0.40 TYP 1.75 MAX 0.75 MIN 0.5+0.10/-0.05 SOT-89 C J G D 12 3 A C K F MILLIMETERS H FF D + _ + _ 1 GND V OUT 3 2 VIN 2 Heat Sink is common to (VIN) Pin Configuration 12 3 GND SOT-89 (TOP VIEW) VIN VOUT Type Name Lot No. KIC3201S/T-12 ~ KIC3201S/T-60 CMOS Linear Integrated Circuit No. Symbol Description 1 GND Ground 2 VIN Power input 3 VOUT Output •Heat Sink is common to ② (V IN) 2013. 7. 04 Revision No : 12 DIM MILLIMETERS A B D E TSM 2.9 0.2 1.6+0.2/-0.1 0.70 0.05 0.4 0.1 2.8+0.2/-0.3 1.9 0.2 0.95 0.16 0.05 0.00-0.10 0.25+0.25/-0.15 C F G H I J K 0.60 L 0.55 K B E H J J 2 1 3 + _ + _ + _ + _ + _ 1. VOUT 2. GND 3. VIN 1 2 3 TSM (TOP VIEW) Type Name Lot No. No. Symbol Description 1 VOUT Output 2 GND Ground 3 VIN Power input KIC3201S-XX KIC3201T-XX |
同様の部品番号 - KIC3201S-27 |
|
同様の説明 - KIC3201S-27 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |