データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KIC3213T31 データシート(PDF) 1 Page - KEC(Korea Electronics)

部品番号 KIC3213T31
部品情報  SEMICONDUCTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3213T31 データシート(HTML) 1 Page - KEC(Korea Electronics)

  KIC3213T31 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3213T31 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3213T31 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3213T31 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3213T31 Datasheet HTML 5Page - KEC(Korea Electronics) KIC3213T31 Datasheet HTML 6Page - KEC(Korea Electronics) KIC3213T31 Datasheet HTML 7Page - KEC(Korea Electronics) KIC3213T31 Datasheet HTML 8Page - KEC(Korea Electronics) KIC3213T31 Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2013. 5. 28
1/9
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 2
150mA CMOS High Performance LDO Regulator
The KIC3213series Low Dropout Linear Regulator is ideally suited
for portable applications. It offers 1% initial accuracy,
extremely-low dropout voltage(210mV at 150mA, 3.3V Output Type),
low ground current (typically 36uA) and ultra small package(UDFN1010-4).
Designed specifically for handheld and battery-powered devices,
the KIC3213series provides a TTL-logic-compatible ON/OFF control pin.
When disabled, power consumption drops nearly to zero.
The KIC3213series also works with low-ESR ceramic capacitors,
reducing the amount of board space necessary for power applications,
critical in handheld wireless devices.
The Line transient response and load transient response of the
KIC3213series are very excellent, thus ICs are very suitable for
the power supply for hand-held communication equipment.
Applications
・Cellular phones,Smart Phones, PDA
・Battery-powered equipment
・Laptop, notebook and palmtop computers
・Consumer/personal electronics
Features
・Input voltage range
2.0V to 5.5V
・High output accuracy
1.0% accuracy
・Low dropout
210mV@150mA (3.3V Output type)
・Stability with ceramic output capacitors
・Supply Current
Typ. 36uA
・Excellent Load regulation
Typ. 30mV
・Built-in Fold Back Protection Circuit
Typ. 40mA@Short mode
・Stability with ceramic output capacitors
CIN=COUT=0.47㎌
・TTL-Logic-compatible ON/OFF control
Packages
・KIC3213MF** Series : UDFN1010-4
・KIC3213T** Series : TSV
DIM
MILLIMETERS
UDFN1010-4
3 V
EN
2 GND
4 V
IN
1 VOUT
*Center tab is common to
(GND)
<Top View>
<Side View>
<Bottom View>
F
G
I
J
H
C
L
DD
E
L
C
A
B
A
1.00
B
1.00
C
0.50
D
0.20
E
0.43
F
0.29
G
0.24
H
0.64
I
0.50
J
0.195
K
0.086
L
0.125
3
1
2
2
4
1
2
3
4
DIM
MILLIMETERS
A
B
D
E
TSV
2.9 0.2
1.6+0.2/-0.1
0.70 0.05
0.4 0.1
2.8+0.2/-0.3
1.9 0.2
0.95
0.16 0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K
0.60
L0.55
K
K
B
E
H
J
J
2
3
1
5
4
+
_
+
_
+
_
+
_
+
_
1. V
IN
2. GND
3. V
EN
4. NC
5. V
OUT
KIC3213MF/T12~33
Analog CMOS Integrated Circuits


同様の部品番号 - KIC3213T31

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
KIC3213MF13 KEC-KIC3213MF13 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
KIC3213MF14 KEC-KIC3213MF14 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
KIC3213MF15 KEC-KIC3213MF15 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
KIC3213MF16 KEC-KIC3213MF16 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
More results

同様の説明 - KIC3213T31

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com