データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM8N80P データシート(PDF) 2 Page - Analog Power

部品番号 AM8N80P
部品情報  N-Channel 800-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANALOGPOWER [Analog Power]
ホームページ  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM8N80P データシート(HTML) 2 Page - Analog Power

  AM8N80P Datasheet HTML 1Page - Analog Power AM8N80P Datasheet HTML 2Page - Analog Power AM8N80P Datasheet HTML 3Page - Analog Power AM8N80P Datasheet HTML 4Page - Analog Power AM8N80P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
AM8N80P
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
2
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = 640 V, VGS = 0 V
1
VDS = 640 V, VGS = 0 V, TJ = 55°C
25
On-State Drain Current
a
ID(on)
VDS = 5 V, VGS = 10 V
10
A
Drain-Source On-Resistance
a
rDS(on)
VGS = 10 V, ID = 1 A
1.5
Forward Transconductance
a
gfs
VDS = 15 V, ID = 1 A
6
S
Diode Forward Voltage
a
VSD
IS = 4 A, VGS = 0 V
0.79
V
Total Gate Charge
Qg
23
Gate-Source Charge
Qgs
11
Gate-Drain Charge
Qgd
9.2
Turn-On Delay Time
td(on)
25
Rise Time
tr
7
Turn-Off Delay Time
td(off)
56
Fall Time
tf
19
Input Capacitance
Ciss
4241
Output Capacitance
Coss
155
Reverse Transfer Capacitance
Crss
111
Dynamic
b
ns
VDS = 100 V, VGS = 6 V,
ID = 1 A
IDSS
Zero Gate Voltage Drain Current
pF
VDS = 15 V, VGS = 0 V, f = 1 Mhz
nC
VDS = 100 V, RL = 100 ,
ID = 1 A,
VGEN = 10 V, RGEN = 6
Static
uA
Electrical Characteristics
© Preliminary
2
Publication Order Number: DS_AM8N80P_1A
Reverse Transfer Capacitance
Crss
111
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or use of
any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical”
parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and actual performance may vary
over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. APL does not
convey any license under its patent rights nor the rights of others. APL products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure
of the APL product could create a situation where personal injury or death may occur. Should Buyer purchase or use APL products for any such
unintended or unauthorized application, Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
© Preliminary
2
Publication Order Number: DS_AM8N80P_1A


同様の部品番号 - AM8N80P

メーカー部品番号データシート部品情報
logo
Analog Power
AM8N20-600D ANALOGPOWER-AM8N20-600D Datasheet
344Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM8N20-600D DOINGTER-AM8N20-600D Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Analog Power
AM8N25-550D ANALOGPOWER-AM8N25-550D Datasheet
346Kb / 5P
   N-Channel 250-V (D-S) MOSFET
AM8N60P ANALOGPOWER-AM8N60P Datasheet
330Kb / 5P
   N-Channel 600-V (D-S) MOSFET
More results

同様の説明 - AM8N80P

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SI4862DY VISHAY-SI4862DY Datasheet
44Kb / 4P
   N-Channel 16-V (D-S) MOSFET
Rev. B, 14-Apr-03
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com