データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMV1705-079LF データシート(PDF) 1 Page - Skyworks Solutions Inc.

部品番号 SMV1705-079LF
部品情報  Hyperabrupt Junction Tuning Varactors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SKYWORKS [Skyworks Solutions Inc.]
ホームページ  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1705-079LF データシート(HTML) 1 Page - Skyworks Solutions Inc.

  SMV1705-079LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1705-079LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1705-079LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1705-079LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1705-079LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1705-079LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1705-079LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMV1705-079LF Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200076N • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 7, 2015
1
DATA SHEET
SMV1705 Series: Hyperabrupt Junction Tuning Varactors
Applications
 Low-noise and wideband UHF and VHF VCOs
 High volume, low-cost batteries
Features
 Low series resistance
 High capacitance ratio
 Packages rated MSL1, 260 °C per JEDEC J-STD-020
Skyworks Green™ products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to Skyworks
Definition of Green™, document number
SQ04-0074.
Description
The SMV1705 group of silicon hyperabrupt junction varactor
diodes is specifically designed for battery operation. The specified
high capacitance ratio and low reverse voltage of these varactors
make them appropriate for low-noise voltage controlled
oscillators (VCOs) used at frequencies in wireless systems up to
and above 10 GHz.
Table 1 describes the various packages and markings of the
SMV1705 group of varactors.
Table 1. Packaging and Marking
Common Cathode
Single
Single
SOT-23
SC-79
Green™
SOD-882
Green™
SMV1705-004
Marking: CY3
SMV1705-004LF
Green™
Marking: HY3
SMV1705-079LF
Marking: Cathode and YE
SMV1705-040LF
Marking: O
LS = 1.4 nH
LS = 0.7 nH
LS = 0.45 nH
The Pb-free symbol or “LF” in the part number denotes a lead-free, RoHS-compliant package unless otherwise noted as Green™. Tin/lead (Sn/Pb) packaging is not recommended
for new designs.


同様の部品番号 - SMV1705-079LF

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SMV1705-079LF SKYWORKS-SMV1705-079LF Datasheet
119Kb / 5P
   Hyperabrupt Junction Tuning Varactors
More results

同様の説明 - SMV1705-079LF

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
SMV1247 SKYWORKS-SMV1247_16 Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com