データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMV2025-040LF データシート(PDF) 6 Page - Skyworks Solutions Inc.

部品番号 SMV2025-040LF
部品情報  Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SKYWORKS [Skyworks Solutions Inc.]
ホームページ  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV2025-040LF データシート(HTML) 6 Page - Skyworks Solutions Inc.

  SMV2025-040LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMV2025-040LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMV2025-040LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMV2025-040LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMV2025-040LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMV2025-040LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMV2025-040LF Datasheet HTML 7Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DATA SHEET • SMV2025 SERIES: SURFACE MOUNT HYPERABRUPT TUNING VARACTOR DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
August 7, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201431E
NOTES:
1. All measurements are in millimeters.
2. Dimensions and tolerances according to ASME Y14.5M-1994.
3. These packages are used principally for discrete devices.
4. This dimension includes stand-off height and package body thickness,
but does not include attached features, e.g., external heatsink or chip capacitors.
An integral heatslug is not considered an attached feature.
5. This dimension is primarily terminal plating, but does not include small metal protrusion.
0.05
2X
0.05
0.46 + 0.04
–0.06
0.05/0.00
Terminal 1
0.03 C
2X 0.25 ± 0.05
2X
Pin 1 Indicator
0.600
A
0.650
C
B
1.000
Seating Plane
4
2X 0.50 ± 0.05
0.10 M A B
0.10 M A B
0.325
5
Y1410
Figure 6. SMV2025-040LF Package Dimensions (SOD-882)
S1922
A
B
2.00 ± 0.05
∅1.55 ± 0.05 (D0)
∅0.40 ± 0.05 (D1)
Cathode
Indicator
0.20
0.70 ± 0.05 (A0)
4.00 ± 0.10
A
B
B
A
2.00 ± 0.05
0.47 ± 0.05 (Ko)
1.75 ± 0.10
Notes:
1. Carrier tape: black conductive polycarbonate.
2. Cover tape: transparent conductive material.
3. Cover tape size: 5.4 mm width.
4. ESD surface resistivity is ≥1 x 104 ~ ≤ 1 x 108 Ohms/square.
5. All dimensions are in millimeters.
Figure 7. SMV2025-040LF Tape and Reel Dimensions (SC-79)


同様の部品番号 - SMV2025-040LF

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SMV2020 SKYWORKS-SMV2020 Datasheet
497Kb / 5P
   Silicon Hyperabrupt Junction Varactors, Packaged and Bondable Planar Chips
SMV2020 SKYWORKS-SMV2020 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV2020-000 ALPHA-SMV2020-000 Datasheet
287Kb / 2P
   Silicon Hyperabrupt Varactor Diode Chips
logo
Skyworks Solutions Inc.
SMV2020-000 SKYWORKS-SMV2020-000 Datasheet
497Kb / 5P
   Silicon Hyperabrupt Junction Varactors, Packaged and Bondable Planar Chips
SMV2020-079LF SKYWORKS-SMV2020-079LF Datasheet
646Kb / 11P
   SMV2019-SMV2023 Series: Hyperabrupt Junction Tuning Varactors
More results

同様の説明 - SMV2025-040LF

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
logo
Knox Semiconductor, Inc
SMV2043 KNOX-SMV2043 Datasheet
35Kb / 1P
   Surface Mount Varactor 2043 SERIES HYPERABRUPT TUNING DIODES
logo
Advanced Semiconductor
KV2101A ASI-KV2101A Datasheet
24Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
KV2101 ASI-KV2101 Datasheet
25Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
SMV1229-001 ASI-SMV1229-001 Datasheet
22Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
AHV1001A ASI-AHV1001A Datasheet
22Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
AHV1001 ASI-AHV1001 Datasheet
51Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
KV2801 ASI-KV2801 Datasheet
16Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
logo
Knox Semiconductor, Inc
SMV2042 KNOX-SMV2042 Datasheet
36Kb / 1P
   Surface Mount 2042 / 2041 SERIES Varactor HYPERABRUPT TUNING DIODES
logo
Advanced Semiconductor
KV2101-150 ASI-KV2101-150 Datasheet
28Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com