データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMV2026-079LF データシート(PDF) 2 Page - Skyworks Solutions Inc.

部品番号 SMV2026-079LF
部品情報  Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SKYWORKS [Skyworks Solutions Inc.]
ホームページ  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV2026-079LF データシート(HTML) 2 Page - Skyworks Solutions Inc.

  SMV2026-079LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMV2026-079LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMV2026-079LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMV2026-079LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMV2026-079LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMV2026-079LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMV2026-079LF Datasheet HTML 7Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DATA SHEET • SMV2026 SERIES: SURFACE MOUNT HYPERABRUPT TUNING VARACTOR DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
August 7, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201836C
Electrical and Mechanical Specifications
The absolute maximum ratings for the SMV2026 series are
provided in Table 2. Electrical specifications are provided in
Table 3. Table 4 summarizes the typical capacitance for reverse
voltages between 0 and 20 V.
Typical performance characteristics are illustrated in Figures 1
and 2. The SPICE model for the SMV2026 series of varactor
diodes is shown in Figure 3 and the associated model
parameters are provided in Table 5.
Package Dimensions
Package dimensions for the SMV2026 series are provided in
Figure 4 (SC-79) and Figure 6 (SOD-882). Tape and reel
dimensions are provided in Figure 5 (SC-79) and
Figure 7 (SOD-882). For the PCB layout footprint, refer to the
Skyworks Application Note, Suggested PCB Land Pattern
Designs for Leaded and Leadless Packages, and Detailed
Surface Mount Guidelines for Leadless Packages, document
number 200123.
Package and Handling Information
Instructions on the shipping container label regarding exposure
to moisture after the container seal is broken must be followed.
Otherwise, problems related to moisture absorption may occur
when the part is subjected to high temperature during solder
assembly.
Table 2. SMV2026 Series Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Minimum
Maximum
Units
Forward current
IF
100
mA
Reverse voltage
VR
15
V
Dissipated power @ 25
°C
PD
250
mW
Storage temperature
TSTG
–55
+200
C
Junction temperature
TJ
–55
+175
C
Solder interface temperature
TS
–40
+85
C
Electrostatic discharge:
Charged-Device Model (CDM), Class 4
Human Body Model (HBM), Class 3A
Machine Model (MM), Class C
ESD
2000
4000
400
V
V
V
Note 1: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.
Table 3. SMV2026 Series Electrical Specifications (Note 1)
(TS = +25
C, Characteristic Impedance [ZO] = 50 Ω, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Reverse current
IR
VR = 15 V
20
nA
Capacitance
CT
f = 1 MHz
VR = 2 V
VR = 10 V
14.0
5.5
16.0
6.5
pF
pF
Capacitance ratio
CTR
CT @ 2 V/CT @ 10 V
2.0
2.5
Series resistance
RS
f = 470 MHz, VR = 5 V
0.5
Ω
Breakdown voltage
VBR
IR = 10
μA
15
V
Note 1: Performance is guaranteed only under the conditions listed in this table.


同様の部品番号 - SMV2026-079LF

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SMV2020 SKYWORKS-SMV2020 Datasheet
497Kb / 5P
   Silicon Hyperabrupt Junction Varactors, Packaged and Bondable Planar Chips
SMV2020 SKYWORKS-SMV2020 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV2020-000 ALPHA-SMV2020-000 Datasheet
287Kb / 2P
   Silicon Hyperabrupt Varactor Diode Chips
logo
Skyworks Solutions Inc.
SMV2020-000 SKYWORKS-SMV2020-000 Datasheet
497Kb / 5P
   Silicon Hyperabrupt Junction Varactors, Packaged and Bondable Planar Chips
SMV2020-079LF SKYWORKS-SMV2020-079LF Datasheet
646Kb / 11P
   SMV2019-SMV2023 Series: Hyperabrupt Junction Tuning Varactors
More results

同様の説明 - SMV2026-079LF

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SMV2025 SKYWORKS-SMV2025 Datasheet
593Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
logo
Knox Semiconductor, Inc
SMV2043 KNOX-SMV2043 Datasheet
35Kb / 1P
   Surface Mount Varactor 2043 SERIES HYPERABRUPT TUNING DIODES
logo
Advanced Semiconductor
KV2101A ASI-KV2101A Datasheet
24Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
KV2101 ASI-KV2101 Datasheet
25Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
SMV1229-001 ASI-SMV1229-001 Datasheet
22Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
AHV1001A ASI-AHV1001A Datasheet
22Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
AHV1001 ASI-AHV1001 Datasheet
51Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
KV2801 ASI-KV2801 Datasheet
16Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
logo
Knox Semiconductor, Inc
SMV2042 KNOX-SMV2042 Datasheet
36Kb / 1P
   Surface Mount 2042 / 2041 SERIES Varactor HYPERABRUPT TUNING DIODES
logo
Advanced Semiconductor
KV2101-150 ASI-KV2101-150 Datasheet
28Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com