データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI5345 データシート(PDF) 6 Page - Silicon Laboratories

部品番号 SI5345
部品情報  10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5345 データシート(HTML) 6 Page - Silicon Laboratories

Back Button SI5345_16 Datasheet HTML 2Page - Silicon Laboratories SI5345_16 Datasheet HTML 3Page - Silicon Laboratories SI5345_16 Datasheet HTML 4Page - Silicon Laboratories SI5345_16 Datasheet HTML 5Page - Silicon Laboratories SI5345_16 Datasheet HTML 6Page - Silicon Laboratories SI5345_16 Datasheet HTML 7Page - Silicon Laboratories SI5345_16 Datasheet HTML 8Page - Silicon Laboratories SI5345_16 Datasheet HTML 9Page - Silicon Laboratories SI5345_16 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
3.4.1 Initialization and Reset
Once power is applied, the device begins an initialization period where it downloads default register values and configuration data from
NVM and performs other initialization tasks. Communicating with the device through the serial interface is possible once this initializa-
tion period is complete. No clocks will be generated until the initialization is complete. There are two types of resets available. A hard
reset is functionally similar to a device power-up. All registers will be restored to the values stored in NVM, and all circuits including the
serial interface will be restored to their initial state. A hard reset is initiated using the RSTb pin or by asserting the hard reset register bit.
A soft reset bypasses the NVM download. It is simply used to initiate register configuration changes.
No valid
input clocks
selected
Lock Acquisition
(Fast Lock)
Locked
Mode
Holdover
Mode
Phase lock on
selected input
clock is achieved
An input is
qualified and
available for
selection
No valid input
clocks available
for selection
Free-run
Valid input clock
selected
Reset and
Initialization
Power-Up
Selected input
clock fails
Yes
No
Holdover
History
Valid?
Other Valid
Clock Inputs
Available?
No
Yes
Input Clock
Switch
Figure 3.1. Modes of Operation
3.4.2 Freerun Mode
The DSPLL will automatically enter freerun mode once power is applied to the device and initialization is complete. The frequency ac-
curacy of the generated output clocks in freerun mode is entirely dependent on the frequency accuracy of the external crystal or refer-
ence clock on the XA/XB pins. For example, if the crystal frequency is ±100 ppm, then all the output clocks will be generated at their
configured frequency ±100 ppm in freerun mode. Any drift of the crystal frequency will be tracked at the output clock frequencies. A
TCXO or OCXO is recommended for applications that need better frequency accuracy and stability while in freerun or holdover modes.
3.4.3 Lock Acquisition Mode
The device monitors all inputs for a valid clock. If at least one valid clock is available for synchronization, the DSPLL will automatically
start the lock acquisition process. If the fast lock feature is enabled, the DSPLL will acquire lock using the Fastlock Loop Bandwidth
setting and then transition to the DSPLL Loop Bandwidth setting when lock acquisition is complete. During lock acquisition the outputs
will generate a clock that follows the VCO frequency change as it pulls in to the input clock frequency.
3.4.4 Locked Mode
Once locked, the DSPLL will generate output clocks that are both frequency and phase locked to their selected input clocks. At this
point, any XTAL frequency drift will not affect the output frequency. A loss of lock pin (LOL) and status bit indicate when lock is ach-
ieved. See 3.8.4 LOL Detection for more details on the operation of the loss-of-lock circuit.
Si5345/44/42 Rev D Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 5


同様の部品番号 - SI5345_16

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI5345-44-42 SILABS-SI5345-44-42 Datasheet
1Mb / 62P
   10-CHANNEL
logo
Skyworks Solutions Inc.
SI5345-D-EVB SKYWORKS-SI5345-D-EVB Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
logo
Silicon Laboratories
SI5345-EVB SILABS-SI5345-EVB Datasheet
2Mb / 19P
   Powered from USB port or external power supply
logo
Skyworks Solutions Inc.
SI5345A-D-GM1 SKYWORKS-SI5345A-D-GM1 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5345B-D-GM1 SKYWORKS-SI5345B-D-GM1 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
More results

同様の説明 - SI5345_16

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5395 SKYWORKS-SI5395 Datasheet
1Mb / 61P
   12-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier with Ultra-Low Jitter
Rev. 1.2
logo
Silicon Laboratories
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com