データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Si5348B-D-GM データシート(PDF) 5 Page - Silicon Laboratories

部品番号 Si5348B-D-GM
部品情報  Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5348B-D-GM データシート(HTML) 5 Page - Silicon Laboratories

  Si5348B-D-GM Datasheet HTML 1Page - Silicon Laboratories Si5348B-D-GM Datasheet HTML 2Page - Silicon Laboratories Si5348B-D-GM Datasheet HTML 3Page - Silicon Laboratories Si5348B-D-GM Datasheet HTML 4Page - Silicon Laboratories Si5348B-D-GM Datasheet HTML 5Page - Silicon Laboratories Si5348B-D-GM Datasheet HTML 6Page - Silicon Laboratories Si5348B-D-GM Datasheet HTML 7Page - Silicon Laboratories Si5348B-D-GM Datasheet HTML 8Page - Silicon Laboratories Si5348B-D-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
3.4.1 Initialization and Reset
Once power is applied, the device begins an initialization period where it downloads default register values and configuration data from
NVM and performs other initialization tasks. Communicating with the device through the serial interface is possible once this initializa-
tion period is complete. No clocks will be generated until the initialization is complete. There are two types of resets available. A hard
reset is functionally similar to a device power-up. All registers will be restored to the values stored in NVM, and all circuits will be re-
stored to their initial state including the serial interface. A hard reset is initiated using the RSTb pin or by asserting the hard reset bit. A
soft reset bypasses the NVM download. It is simply used to initiate register configuration changes. A hard reset affects all DSPLLs,
while a soft reset can either affect all or each DSPLL individually.
No valid
input clocks
selected
Lock Acquisition
(Fast Lock)
Locked
Mode
Holdover
Mode
Phase lock on
selected input
clock is achieved
An input is
qualified and
available for
selection
No valid input
clocks available
for selection
Free-run
Valid input clock
selected
Reset and
Initialization
Power-Up
Selected input
clock fails
Yes
No
Holdover
History
Valid?
Other Valid
Clock Inputs
Available?
No
Yes
Input Clock
Switch
Figure 3.1. Modes of Operation
3.4.2 Free-run Mode
Once power is applied to the Si5348 and initialization is complete, all three DSPLLs will automatically enter freerun mode. The frequen-
cy accuracy of the generated output clocks in freerun mode is entirely dependent on the frequency accuracy of the clock source at the
reference inputs (REF/REFb). A TCXO or OCXO is recommended for applications that need frequency accuracy and stability to meet
the synchronization standards as shown in the following table:
Table 3.2. Free-run Accuracy for North American and European Synchronization Standards
SONET (Telcordia)
SDH (ITU-T)
SyncE (ITU-T)
Free-run Accuracy
GR-253 Stratum 3E
G.812 Type III
±4.6 ppm
GR-253 Stratum 3
G.812 Type IV
G.8262 EEC Option 2
G.813 Option 1
G.8262 EEC Option 1
3.4.3 Lock Acquisition Mode
Each of the DSPLLs independently monitors its configured inputs for a valid clock. If at least one valid clock is available for synchroni-
zation, a DSPLL will automatically start the lock acquisition process.If the fast lock feature is enabled, a DSPLL will acquire lock using
the Fastlock Loop Bandwidth setting and then transition to the DSPLL Loop Bandwidth setting when lock acquisition is complete. Dur-
ing lock acquisition the outputs will generate a clock that follows the VCO frequency change as it pulls-in to the input clock frequency.
Si5348 Rev D Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 4


同様の部品番号 - Si5348B-D-GM

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
Si5348B-D-GM SILABS-Si5348B-D-GM Datasheet
880Kb / 54P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
logo
Skyworks Solutions Inc.
SI5348B-D-GM SKYWORKS-SI5348B-D-GM Datasheet
1Mb / 57P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-TSC) Clocks
Rev. 1.1
More results

同様の説明 - Si5348B-D-GM

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI5348-D SILABS-SI5348-D Datasheet
880Kb / 54P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
logo
Skyworks Solutions Inc.
SI5348-E SKYWORKS-SI5348-E Datasheet
1Mb / 52P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
Rev. 0.95
SI5348-D SKYWORKS-SI5348-D Datasheet
1Mb / 57P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-TSC) Clocks
Rev. 1.1
logo
Microsemi Corporation
ZL30361 MICROSEMI-ZL30361 Datasheet
347Kb / 5P
   IEEE 1588 and Synchronous Ethernet Packet Clock Network Synchronizer
May 2013
logo
Integrated Device Techn...
82P33724 IDT-82P33724 Datasheet
239Kb / 13P
   Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33741 IDT-82P33741 Datasheet
813Kb / 61P
   Port Synchronizer for IEEE 1588 and Synchronous Ethernet
logo
Renesas Technology Corp
82P33724 RENESAS-82P33724 Datasheet
984Kb / 56P
   Port Synchronizer for IEEE 1588 and Synchronous Ethernet
September 15, 2017
8A34012 RENESAS-8A34012 Datasheet
2Mb / 104P
   Port Synchronizer for IEEE 1588 Frequency and Time/Phase
November 30, 2021
8A34011 RENESAS-8A34011 Datasheet
2Mb / 106P
   Port Synchronizer for IEEE 1588 Frequency and Time/Phase
December 9, 2021
8A34013 RENESAS-8A34013 Datasheet
2Mb / 101P
   Port Synchronizer for IEEE 1588 Frequency and Time/Phase
February 3, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com