データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Si8284BD-IS データシート(PDF) 10 Page - Silicon Laboratories

部品番号 Si8284BD-IS
部品情報  4.0 Amp ISODrivers with Integrated DC-DC Converters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8284BD-IS データシート(HTML) 10 Page - Silicon Laboratories

Back Button Si8284BD-IS Datasheet HTML 6Page - Silicon Laboratories Si8284BD-IS Datasheet HTML 7Page - Silicon Laboratories Si8284BD-IS Datasheet HTML 8Page - Silicon Laboratories Si8284BD-IS Datasheet HTML 9Page - Silicon Laboratories Si8284BD-IS Datasheet HTML 10Page - Silicon Laboratories Si8284BD-IS Datasheet HTML 11Page - Silicon Laboratories Si8284BD-IS Datasheet HTML 12Page - Silicon Laboratories Si8284BD-IS Datasheet HTML 13Page - Silicon Laboratories Si8284BD-IS Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
The high supply voltage configuration is used when a higher voltage power supply rail (up to 24 V) is available. All product options of
the Si8282 and Si8284 are intended for this configuration. The dc-dc converter uses the isolated flyback topology. With this topology,
the switch and sense resistor are external, allowing higher switching voltages.
The output voltage is sensed on the secondary side without requiring additional optocouplers and support circuitry to bias those opto-
couplers. This allows the dc-dc to operate with superior line and load regulation.
The figure below shows the block diagram of an Si828x with external components. The Si8284 product option has externally controlled
switching frequency and soft start. The dc-dc requires input capacitor C28, transformer T1, switch Q4, sense resistor Rsense, rectifying
diodes D1 and D2, and output capacitors C26 and C27. To supply VDDA, Q3 transistor is biased by R23, 5.6 V Zener diode D5 and
filtered by C30 and C11. External frequency and soft start behavior is set by CSS and RFSW. Resistors R1 and R2 divide the output
voltage to match the internal reference of the error amplifier. The ratio of the two secondary windings splits the output voltage into two
portions. The positive VDDB and the negative VSSB with common reference to VMID (IGBT Emitter).
VDDB = VOUT ×
( S1
S1 + S2 )
VSSB = − VOUT ×
( S2
S1 + S2 )
Type 1 loop compensation made by RCOMP and CCOMP are required at the COMP pin. The combination of RCOMP = 49.9 kΩ and
CCOMP = 1.5 nF satisfies most Si8282 and Si8284 dc-dc applications. Though it is not necessary for normal operation, we recommend
to use RC snubbers (not shown) on both primary and secondary windings to minimize high-frequency emissions.
RDY
/FLT
VH
VL
Si8282/Si8284
Error Amp
and
Compensation
Encoder
UVLO
VDDB
VSNS
COMP
VSSB
R1
VSSB
Vin
T1
D1
C26
HF RX
HF TX
R2
C28
RCOMP
CCOMP
DSAT
Detection
HF RX
Driver
Miller
Clamp
CLMP
DSAT
VMID
HF TX
Decoder
Encoder
Decoder
/RST
+IN
-IN
Input
Control &
Reset
D2
C27
Freq. Control
and Shutdown
Soft Start
DC-DC Controller
Current
Sensing
UVLO
FET
Driver
ESW
VDDA
RSN
GNDP
Rsense
R23
Q4
Q3
FC_SH
SS
CSS
RFSW
5.6V
C11
C30
D5
Figure 2.6. Si8282/84 Block Diagram: >5.5 V Input to Split Voltage Output
Si8281/82/83/84 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.5 | 9


同様の部品番号 - Si8284BD-IS

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI8284BD-IS SKYWORKS-SI8284BD-IS Datasheet
1Mb / 45P
   SiC FET-Ready ISODrivers with Integrated DC-DC Converters
Revision 206406A October, 2022
More results

同様の説明 - Si8284BD-IS

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI8281 SKYWORKS-SI8281 Datasheet
1Mb / 45P
   SiC FET-Ready ISODrivers with Integrated DC-DC Converters
Revision 206406A October, 2022
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
SI823X SILABS-SI823X_V01 Datasheet
994Kb / 59P
   Amp ISOdrivers
logo
Analog Devices
ADUM5210 AD-ADUM5210 Datasheet
555Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM6210 AD-ADUM6210 Datasheet
532Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5410 AD-ADUM5410 Datasheet
843Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM6410 AD-ADUM6410 Datasheet
874Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM6210 AD-ADUM6210_V01 Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
logo
Silicon Laboratories
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com