データシートサーチシステム |
|
1N4763 データシート(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. |
|
1N4763 データシート(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. |
1 / 3 page Page:P3-P1 Glass-Encapsulate Diodes GUANGDONG HOTTECH INDUSTRIAL CO,. LTD. ZENER DIODES MECHANICAL DATA Cas e:DO-41, glass case Terminals : solderable per MIL-STD-202, method 208 Polarity: cathode band Marking: type number Approx. weight: 0.35 grams ABSOLUTE MAXIMUM RATINGS (TA=25 unless otherwise noted) Parameter Symbol Value Unit Power dissipation @ Tamb 50 PDiss 1.0 1) W Z-current I Z P V/VZ mA Junction temperature TJ 200 Storage temperature range Ts -55---+200 Junction ambient I=9.5mm(3/8 ), T L=constant R ThJA 100 K/W 1)Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature. ELECTRICAL CHARACTERISTICS (Tamb=25 unless otherwise specified) Parameter Symbol Min Typ Max Unit Forward voltage at IF=200mA V F 1.2 V 1N4728-1N4764 FEATURES For use in stabilizing and clipping circuits with high power rating.Standard zener voltage tolerance is ±10%. Add suffix "A" for ±5% tolerance. 25.4 Min 25.4 Min 4.2 Max 0.7 Max 2.8 Max DO-41 Dimensions in millimeters |
同様の部品番号 - 1N4763 |
|
同様の説明 - 1N4763 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |