データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMR06C データシート(PDF) 2 Page - GOOD-ARK Electronics

部品番号 LMR06C
部品情報  Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GOOD-ARK [GOOD-ARK Electronics]
ホームページ  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LMR06C データシート(HTML) 2 Page - GOOD-ARK Electronics

  LMR06C Datasheet HTML 1Page - GOOD-ARK Electronics LMR06C Datasheet HTML 2Page - GOOD-ARK Electronics LMR06C Datasheet HTML 3Page - GOOD-ARK Electronics LMR06C Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LMR02C thru LMR10C
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
Reverse Voltage 200~1000V Output Current 1.5A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 3. Typical Forward Characteristics
Figure 4. Typical Reverse Characteristics
Figure 2.Maximum Non-Repetitive
Peak Forward Surge Current
Figure 5. Typical Junction Capacitance
Figure 1.Output Rectifier Current Derating Curve
www.goodark.com
2/4
2016.09-Rev.B


同様の部品番号 - LMR06C

メーカー部品番号データシート部品情報
logo
GOOD-ARK Electronics
LMR06 GOOD-ARK-LMR06 Datasheet
366Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
logo
Taiyo Yuden (U.S.A.), I...
LMR063B7101KP-F TAIYO-YUDEN-LMR063B7101KP-F Datasheet
418Kb / 3P
   MLCC for Automotive (POWERTRAIN, SAFETY) Applications
LMR063B7101MP-F TAIYO-YUDEN-LMR063B7101MP-F Datasheet
418Kb / 3P
   MLCC for Automotive (POWERTRAIN, SAFETY) Applications
LMR063B7102KP-F TAIYO-YUDEN-LMR063B7102KP-F Datasheet
418Kb / 3P
   MLCC for Automotive (POWERTRAIN, SAFETY) Applications
LMR063B7102MP-F TAIYO-YUDEN-LMR063B7102MP-F Datasheet
418Kb / 3P
   MLCC for Automotive (POWERTRAIN, SAFETY) Applications
More results

同様の説明 - LMR06C

メーカー部品番号データシート部品情報
logo
GOOD-ARK Electronics
LM02 GOOD-ARK-LM02 Datasheet
374Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LMR02 GOOD-ARK-LMR02 Datasheet
366Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LM102 GOOD-ARK-LM102 Datasheet
375Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LM02A GOOD-ARK-LM02A Datasheet
375Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LM202 GOOD-ARK-LM202 Datasheet
378Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LM210 GOOD-ARK-LM210 Datasheet
377Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LMD02 GOOD-ARK-LMD02 Datasheet
388Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LMR02A GOOD-ARK-LMR02A Datasheet
390Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LB1610S GOOD-ARK-LB1610S Datasheet
512Kb / 5P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LB201S GOOD-ARK-LB201S Datasheet
1Mb / 5P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com