データシートサーチシステム |
|
CD54HC40105F3A データシート(PDF) 10 Page - Texas Instruments |
|
|
CD54HC40105F3A データシート(HTML) 10 Page - Texas Instruments |
10 / 19 page 10 Test Circuits and Waveforms NOTE: Outputs should be switching from 10% VCC to 90% VCC in accordance with device truth table. For fMAX, input duty cycle = 50%. FIGURE 3. HC CLOCK PULSE RISE AND FALL TIMES AND PULSE WIDTH NOTE: Outputs should be switching from 10% VCC to 90% VCC in accordance with device truth table. For fMAX, input duty cycle = 50%. FIGURE 4. HCT CLOCK PULSE RISE AND FALL TIMES AND PULSE WIDTH FIGURE 5. HC TRANSITION TIMES AND PROPAGATION DELAY TIMES, COMBINATION LOGIC FIGURE 6. HCT TRANSITION TIMES AND PROPAGATION DELAY TIMES, COMBINATION LOGIC CLOCK 90% 50% 10% GND VCC trCL tfCL 50% 50% tWL tWH 10% tWL + tWH = fCL I CLOCK 2.7V 1.3V 0.3V GND 3V trCL = 6ns tfCL = 6ns 1.3V 1.3V tWL tWH 0.3V tWL + tWH = fCL I tPHL tPLH tTHL tTLH 90% 50% 10% 50% 10% INVERTING OUTPUT INPUT GND VCC tr = 6ns tf = 6ns 90% tPHL tPLH tTHL tTLH 2.7V 1.3V 0.3V 1.3V 10% INVERTING OUTPUT INPUT GND 3V tr = 6ns tf = 6ns 90% CD54HC40105, CD74HC40105, CD54HCT40105, CD74HCT40105 |
同様の部品番号 - CD54HC40105F3A |
|
同様の説明 - CD54HC40105F3A |