データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM230N07-03B データシート(PDF) 2 Page - Analog Power

部品番号 AM230N07-03B
部品情報  N-Channel 75-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANALOGPOWER [Analog Power]
ホームページ  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM230N07-03B データシート(HTML) 2 Page - Analog Power

  AM230N07-03B Datasheet HTML 1Page - Analog Power AM230N07-03B Datasheet HTML 2Page - Analog Power AM230N07-03B Datasheet HTML 3Page - Analog Power AM230N07-03B Datasheet HTML 4Page - Analog Power AM230N07-03B Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
AM230N07-03B
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = 56 V, VGS = 0 V
1
VDS = 56 V, VGS = 0 V, TJ = 55°C
10
On-State Drain Current
a
ID(on)
VDS = 5 V, VGS = 10 V
50
A
VGS = 10 V, ID = 40 A
4.5
VGS = 4.5 V, ID = 30 A
5.5
Forward Transconductance
a
gfs
VDS = 15 V, ID = 20 A
21
S
Diode Forward Voltage
a
VSD
IS = 70 A, VGS = 0 V
1
V
Total Gate Charge
Qg
78
Gate-Source Charge
Qgs
23
Gate-Drain Charge
Qgd
28
Turn-On Delay Time
td(on)
25
Rise Time
tr
20
Turn-Off Delay Time
td(off)
210
Fall Time
tf
61
Input Capacitance
Ciss
9101
Output Capacitance
Coss
518
Reverse Transfer Capacitance
Crss
407
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
VDS = 15 V, VGS = 0 V, f = 1 Mhz
Static
uA
Electrical Characteristics
IDSS
rDS(on)
Drain-Source On-Resistance
a
Zero Gate Voltage Drain Current
Dynamic
b
ns
nC
VDS = 37.5 V, RL = 1.8 Ω,
ID = 20 A,
VGEN = 10 V, RGEN = 6 Ω
VDS = 37.5 V, VGS = 4.5 V,
ID = 20 A
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out
of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary
in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL
products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation
where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application,
Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
pF
© Preliminary
2
Publication Order Number:
DS_AM230N07-03B_1A


同様の部品番号 - AM230N07-03B

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
AM2300 AITSEMI-AM2300 Datasheet
501Kb / 9P
   MOSFET 20V N-CHANNEL ENHANCEMENT MODE
REV2.1
AM2300E3R AITSEMI-AM2300E3R Datasheet
501Kb / 9P
   MOSFET 20V N-CHANNEL ENHANCEMENT MODE
REV2.1
AM2300E3SR AITSEMI-AM2300E3SR Datasheet
501Kb / 9P
   MOSFET 20V N-CHANNEL ENHANCEMENT MODE
REV2.1
AM2300E3SVR AITSEMI-AM2300E3SVR Datasheet
501Kb / 9P
   MOSFET 20V N-CHANNEL ENHANCEMENT MODE
REV2.1
AM2300E3VR AITSEMI-AM2300E3VR Datasheet
501Kb / 9P
   MOSFET 20V N-CHANNEL ENHANCEMENT MODE
REV2.1
More results

同様の説明 - AM230N07-03B

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SUP90N08-6M8P VISHAY-SUP90N08-6M8P_09 Datasheet
176Kb / 7P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 16-Nov-09
SUM90N08-6M2P VISHAY-SUM90N08-6M2P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-6M8P VISHAY-SUP90N08-6M8P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-4M8P VISHAY-SUP90N08-4M8P Datasheet
104Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 06-Aug-07
SI7812DN VISHAY-SI7812DN_17 Datasheet
551Kb / 14P
   N-Channel 75-V (D-S) MOSFET
Rev. D, 29-Dec-08
logo
Analog Power
AM90N07-04B ANALOGPOWER-AM90N07-04B Datasheet
364Kb / 5P
   N-Channel 75-V (D-S) MOSFET
AM90N07-09B ANALOGPOWER-AM90N07-09B Datasheet
336Kb / 5P
   N-Channel 75-V (D-S) MOSFET
logo
Vishay Siliconix
SIE818DF VISHAY-SIE818DF Datasheet
192Kb / 10P
   N-Channel 75-V (D-S) MOSFET
Rev. B, 13-Jul-09
SUM110N08-07 VISHAY-SUM110N08-07 Datasheet
51Kb / 5P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 21-Oct-02
SI7174DP VISHAY-SI7174DP Datasheet
513Kb / 13P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 14-Apr-08
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com