データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM4514C データシート(PDF) 2 Page - Analog Power

部品番号 AM4514C
部品情報  N & P-Channel 100-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANALOGPOWER [Analog Power]
ホームページ  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4514C データシート(HTML) 2 Page - Analog Power

  AM4514C Datasheet HTML 1Page - Analog Power AM4514C Datasheet HTML 2Page - Analog Power AM4514C Datasheet HTML 3Page - Analog Power AM4514C Datasheet HTML 4Page - Analog Power AM4514C Datasheet HTML 5Page - Analog Power AM4514C Datasheet HTML 6Page - Analog Power AM4514C Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Analog Power
AM4514C
Parameter
Symbol Test Conditions
Min
Typ
Max
Unit
VDS = VGS, ID = 250 uA
(Nch)
1
V
VDS = VGS, ID = -250 uA
(Pch)
-1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = 80 V, VGS = 0 V
(Nch)
1
VDS = -80 V, VGS = 0 V
(Pch)
-1
VDS = 5 V, VGS = 10 V
(Nch)
4.3
A
VDS = -5 V, VGS = -10 V
(Pch)
-4.2
A
VGS = 10 V, ID = 2 A
(Nch)
120
VGS = 4.5 V, ID = 1.6 A
(Nch)
140
VGS = -10 V, ID = -2 A
(Pch)
130
VGS = -4.5 V, ID = -1.6 A
(Pch)
150
VDS = 15 V, ID = 2 A
(Nch)
8
S
VDS = -15 V, ID = -2 A
(Pch)
7
S
IS = 1.35 A, VGS = 0 V
(Nch)
0.79
V
IS = -1.45 A, VGS = 0 V
(Pch)
-0.77
V
Total Gate Charge
Qg
9
Gate-Source Charge
Qgs
4
Gate-Drain Charge
Qgd
3
Turn-On Delay Time
td(on)
7
Rise Time
tr
5
Turn-Off Delay Time
td(off)
32
Fall Time
tf
7
Input Capacitance
Ciss
1523
Output Capacitance
Coss
56
Reverse Transfer Capacitance
Crss
54
Total Gate Charge
Qg
25
Gate-Source Charge
Qgs
7
Gate-Drain Charge
Qgd
12
Turn-On Delay Time
td(on)
8
Rise Time
tr
8
Turn-Off Delay Time
td(off)
63
Fall Time
tf
26
Input Capacitance
Ciss
1486
Output Capacitance
Coss
127
Reverse Transfer Capacitance
Crss
104
N - Channel
VDS = 15 V, VGS = 0 V, f = 1 Mhz
pF
nC
P - Channel
VDS = -50 V, RL = 25 Ω,
ID = -2 A,
VGEN = -10 V, RGEN = 6 Ω
ns
VGS(th)
ID(on)
IDSS
rDS(on)
VSD
N - Channel
VDS = 50 V, VGS = 4.5 V,
ID = 2 A
P - Channel
VDS = -50 V, VGS = 4.5 V,
ID = -2 A
uA
P - Channel
VDS = -15 V, VGS = 0 V, f = 1 Mhz
pF
Diode Forward Voltage
a
Dynamic
b
nC
N - Channel
VDS = 50 V, RL = 25 Ω,
ID = 2 A,
VGEN = 10 V, RGEN = 6 Ω
ns
Static
Electrical Characteristics
Forward Transconductance
a
gfs
On-State Drain Current
a
Gate-Source Threshold Voltage
Zero Gate Voltage Drain Current
Drain-Source On-Resistance
a
© Preliminary
2
Publication Order Number:
DS_AM4514C_1A


同様の部品番号 - AM4514C

メーカー部品番号データシート部品情報
logo
Analog Power
AM4512AC ANALOGPOWER-AM4512AC Datasheet
229Kb / 7P
   P & N-Channel 30-V (D-S) MOSFET
AM4512C ANALOGPOWER-AM4512C Datasheet
243Kb / 8P
   P & N-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM4512C DOINGTER-AM4512C Datasheet
3Mb / 8P
   N-Channel and P-Channel MOSFET use advanced trench Technology
logo
Analog Power
AM4512CE ANALOGPOWER-AM4512CE Datasheet
266Kb / 8P
   P & N-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM4512CE DOINGTER-AM4512CE Datasheet
2Mb / 8P
   P-Chanel and N-Channel MOSFET use advanced trench technology
More results

同様の説明 - AM4514C

メーカー部品番号データシート部品情報
logo
Analog Power
AM7510C ANALOGPOWER-AM7510C Datasheet
506Kb / 7P
   N & P-Channel 100-V (D-S) MOSFET
AMD510C ANALOGPOWER-AMD510C Datasheet
83Kb / 3P
   P & N-Channel 100-V (D-S) MOSFET
AM1590CE ANALOGPOWER-AM1590CE Datasheet
467Kb / 7P
   N & P-Channel 100-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBA5102M VBSEMI-VBA5102M Datasheet
1,000Kb / 14P
   N- and P-Channel 100 V (D-S) MOSFET
logo
Vishay Siliconix
SIS902DN VISHAY-SIS902DN_V01 Datasheet
649Kb / 8P
   N- and P-Channel 100 V (D-S) MOSFET
01-Jan-2022
SIS590DN VISHAY-SIS590DN Datasheet
303Kb / 14P
   N- and P-Channel 100 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBA5101M VBSEMI-VBA5101M Datasheet
640Kb / 14P
   N- and P-Channel 100 V (D-S) MOSFET
logo
Vishay Siliconix
SI4590DY VISHAY-SI4590DY_V01 Datasheet
286Kb / 14P
   N- and P-Channel 100 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBA5104N VBSEMI-VBA5104N Datasheet
648Kb / 14P
   N- and P-Channel 100-V (D-S) MOSFET
logo
Vishay Telefunken
SI4590DY TFUNK-SI4590DY Datasheet
355Kb / 15P
   N- and P-Channel 100 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com