データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2574N-ADJ データシート(PDF) 3 Page - ON Semiconductor

部品番号 LM2574N-ADJ
部品情報  0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2574N-ADJ データシート(HTML) 3 Page - ON Semiconductor

  LM2574N-ADJ Datasheet HTML 1Page - ON Semiconductor LM2574N-ADJ Datasheet HTML 2Page - ON Semiconductor LM2574N-ADJ Datasheet HTML 3Page - ON Semiconductor LM2574N-ADJ Datasheet HTML 4Page - ON Semiconductor LM2574N-ADJ Datasheet HTML 5Page - ON Semiconductor LM2574N-ADJ Datasheet HTML 6Page - ON Semiconductor LM2574N-ADJ Datasheet HTML 7Page - ON Semiconductor LM2574N-ADJ Datasheet HTML 8Page - ON Semiconductor LM2574N-ADJ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LM2574, NCV2574
www.onsemi.com
3
OPERATING RATINGS (Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee
specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics).
Rating
Symbol
Value
Unit
Operating Junction Temperature Range
TJ
−40 to +125
°C
Supply Voltage
Vin
40
V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
SYSTEM PARAMETERS ([Note 1] Test Circuit Figure 16)
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, Vin = 12 V for the 3.3 V, 5.0 V, and Adjustable
version, Vin = 25 V for the 12 V version, Vin = 30 V for the 15 V version. ILoad = 100 mA. For typical values TJ = 25°C, for min/max values
TJ is the operating junction temperature range that applies [Note 2], unless otherwise noted).
Characteristic
Symbol
Min
Typ
Max
Unit
LM2574−3.3 ([Note 1] Test Circuit Figure 16)
Output Voltage (Vin = 12 V, ILoad = 100 mA, TJ = 25°C)
Vout
3.234
3.3
3.366
V
Output Voltage (4.75 V
≤ Vin ≤ 40 V, 0.1 A ≤ ILoad ≤ 0.5 A)
Vout
V
TJ = 25°C
3.168
3.3
3.432
TJ = −40 to +125°C
3.135
3.465
Efficiency (Vin = 12 V, ILoad = 0.5 A)
η
72
%
LM2574−5 ([Note 1] Test Circuit Figure 16)
Output Voltage (Vin = 12 V, ILoad = 100 mA, TJ = 25°C)
Vout
4.9
5.0
5.1
V
Output Voltage (7.0 V
≤ Vin ≤ 40 V, 0.1 A ≤ ILoad ≤ 0.5 A)
Vout
V
TJ = 25°C
4.8
5.0
5.2
TJ = −40 to +125°C
4.75
5.25
Efficiency (Vin = 12 V, ILoad = 0.5 A)
η
77
%
LM2574−12 ([Note 1] Test Circuit Figure 16)
Output Voltage (Vin = 25 V, ILoad = 100 mA, TJ = 25°C)
Vout
11.76
10
12.24
V
Output Voltage (15 V
≤ Vin ≤ 40 V, 0.1 A ≤ ILoad ≤ 0.5 A)
Vout
V
TJ = 25°C
11.52
12
12.48
TJ = −40 to +125°C
11.4
12.6
Efficiency (Vin = 15 V, ILoad = 0.5 A)
η
88
%
LM2574−15 ([Note 1] Test Circuit Figure 16)
Output Voltage (Vin = 30 V, ILoad = 100 mA, TJ = 25°C)
Vout
14.7
15
15.3
V
Output Voltage (18 V < Vin < 40 V, 0.1 A < ILoad < 0.5 A)
Vout
V
TJ = 25°C
14.4
15
15.6
TJ = −40 to +125°C
14.25
15.75
Efficiency (Vin = 18 V, ILoad = 0.5 A)
η
88
%
LM2574 ADJUSTABLE VERSION ([Note 1] Test Circuit Figure 16)
Feedback Voltage Vin = 12 V, ILoad = 100 mA, Vout = 5.0 V, TJ = 25°C
VFB
1.217
1.23
1.243
V
Feedback Voltage 7.0 V
≤ Vin ≤ 40 V, 0.1 A ≤ ILoad ≤ 0.5 A, Vout = 5.0
V
VFBT
V
TJ = 25°C
1.193
1.23
1.267
TJ = −40 to +125°C
1.18
1.28
Efficiency (Vin = 12 V, ILoad = 0.5 A, Vout = 5.0 V)
η
77
%
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. External components such as the catch diode, inductor, input and output capacitors can affect the switching regulator system performance.
When the LM2574 is used as shown in the Figure 16 test circuit, the system performance will be as shown in the system parameters section
of the Electrical Characteristics.
2. Tested junction temperature range for the LM2574, NCV2574: Tlow = −40°C Thigh = +125°C.


同様の部品番号 - LM2574N-ADJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2574N-ADJ NSC-LM2574N-ADJ Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2574N-ADJ ONSEMI-LM2574N-ADJ Datasheet
279Kb / 28P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
February, 2002 ??Rev. 5
LM2574N-ADJ ONSEMI-LM2574N-ADJ Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
logo
Texas Instruments
LM2574N-ADJ TI1-LM2574N-ADJ Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2574N-ADJ/NOPB TI1-LM2574N-ADJ/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
More results

同様の説明 - LM2574N-ADJ

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM2574 ONSEMI-LM2574 Datasheet
279Kb / 28P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
February, 2002 ??Rev. 5
LM2574 ONSEMI-LM2574_06 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2594 ONSEMI-LM2594 Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
logo
KODENSHI_AUK CORP.
SN317MPI KODENSHI-SN317MPI Datasheet
376Kb / 8P
   [ 0.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com