データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS51414EDR8G データシート(PDF) 4 Page - ON Semiconductor

部品番号 CS51414EDR8G
部品情報  Low Voltage Buck Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51414EDR8G データシート(HTML) 4 Page - ON Semiconductor

  CS51414EDR8G Datasheet HTML 1Page - ON Semiconductor CS51414EDR8G Datasheet HTML 2Page - ON Semiconductor CS51414EDR8G Datasheet HTML 3Page - ON Semiconductor CS51414EDR8G Datasheet HTML 4Page - ON Semiconductor CS51414EDR8G Datasheet HTML 5Page - ON Semiconductor CS51414EDR8G Datasheet HTML 6Page - ON Semiconductor CS51414EDR8G Datasheet HTML 7Page - ON Semiconductor CS51414EDR8G Datasheet HTML 8Page - ON Semiconductor CS51414EDR8G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
CS51411, CS51412, CS51413, CS51414
http://onsemi.com
4
MAXIMUM RATINGS
Pin Name
VMax
VMIN
ISOURCE
ISINK
VIN
40 V
−0.3 V
N/A
4.0 A
BOOST
40 V
−0.3 V
N/A
100 mA
VSW
40 V
−0.6 V/−1.0 V, t < 50 ns
4.0 A
10 mA
VC
7.0 V
−0.3 V
1.0 mA
1.0 mA
SHDNB
7.0 V
−0.3 V
1.0 mA
1.0 mA
SYNC
7.0 V
−0.3 V
1.0 mA
1.0 mA
BIAS
7.0 V
−0.3 V
1.0 mA
50 mA
VFB
7.0 V
−0.3 V
1.0 mA
1.0 mA
GND
7.0 V
−0.3 V
50 mA
1.0 mA
ELECTRICAL CHARACTERISTICS (−40°C < TJ < 125°C (CS51411E/2E/3E/4E); −40°C < TA < 85°C (CS51411E/2E/3E/4E);
0°C < TA < 70°C (CS51411G/2G/3G/4G), 4.5 V< VIN < 40 V; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Oscillator
Operating Frequency
CS51411/CS51412
224
260
296
kHz
Operating Frequency
CS51413/CS51414
446
520
594
kHz
Frequency Line Regulation
0.05
0.15
%/V
Maximum Duty Cycle
85
90
95
%
VFB Frequency Foldback Threshold
0.29
0.32
0.36
V
PWM Comparator
Slope Compensation Voltage
CS51411/CS51412, Fix VFB, DVC/DTON
CS51413/CS51414
8.0
25
17
50
26
75
mV/ms
mV/ms
Minimum Output Pulse Width
CS51411/CS51412, VFB to VSW
CS51413/CS51414, VFB to VSW
150
300
230
ns
ns
Power Switch
Current Limit
VFB > 0.36 V
1.6
2.3
3.0
A
Foldback Current
VFB < 0.29 V
0.9
1.5
2.1
A
Saturation Voltage
IOUT = 1.5 A, VBOOST = VIN + 2.5 V
0.4
0.7
1.0
V
Current Limit Delay
(Note 4)
120
160
ns
Error Amplifier
Internal Reference Voltage
1.244
1.270
1.296
V
Reference PSRR
(Note 4)
40
dB
FB Input Bias Current
0.02
0.1
mA
Output Source Current
VC = 1.270 V, VFB = 1.0 V
15
25
35
mA
Output Sink Current
VC = 1.270 V, VFB = 2.0 V
15
25
35
mA
Output High Voltage
VFB = 1.0 V
1.39
1.46
1.53
V
Output Low Voltage
VFB = 2.0 V
5.0
20
60
mV
Unity Gain Bandwidth
(Note 4)
500
kHz
Open Loop Amplifier Gain
(Note 4)
70
dB
Amplifier Transconductance
(Note 4)
6.4
mA/V
4. Guaranteed by design, not 100% tested in production.


同様の部品番号 - CS51414EDR8G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CS51414EDR8G ONSEMI-CS51414EDR8G Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51414EDR8G ONSEMI-CS51414EDR8G Datasheet
706Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
September, 2007 - Rev. 18
More results

同様の説明 - CS51414EDR8G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCV97310 ONSEMI-NCV97310 Datasheet
240Kb / 25P
   3 Buck Regulators
September, 2015 ??Rev. 4
NCV97311 ONSEMI-NCV97311 Datasheet
240Kb / 25P
   3 Buck Regulators
September, 2015 ??Rev. 2
logo
Texas Instruments
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com