データシートサーチシステム |
|
MC78M18CDTRKG データシート(PDF) 4 Page - ON Semiconductor |
|
MC78M18CDTRKG データシート(HTML) 4 Page - ON Semiconductor |
4 / 15 page MC78M00, MC78M00A, NCV78M00 Series www.onsemi.com 4 MC78M09C/B, NCV78M09B ELECTRICAL CHARACTERISTICS (VI = 15 V, IO = 350 mA, TJ = Tlow to Thigh, PD ≤ 5.0 W, unless otherwise noted) (Note 4) Characteristics Symbol Min Typ Max Unit Output Voltage (TJ = 25°C) VO 8.64 9.0 9.45 Vdc Output Voltage Variation (11.5 Vdc ≤ VI ≤ 23 Vdc, 5.0 mA ≤ IO ≤ 350 mA) VO 8.55 − 9.45 Vdc Line Regulation (TJ = 25°C, 11.5 Vdc ≤ VI ≤ 25 Vdc, IO = 200 mA) Regline − 6.0 50 mV Load Regulation (TJ = 25°C, 5.0 mA ≤ IO ≤ 500 mA) (TJ = 25°C, 5.0 mA ≤ IO ≤ 200 mA) Regload − − 25 10 180 90 mV Input Bias Current (TJ = 25°C) IIB − 3.2 6.0 mA Quiescent Current Change (11.5 Vdc ≤ VI ≤ 25 Vdc, IO = 200 mA) (5.0 mA ≤ IO ≤ 350 mA) DIIB − − − − 0.8 0.5 mA Output Noise Voltage (TA = 25°C, 10 Hz ≤ f ≤ 100 kHz) Vn − 52 − mV Ripple Rejection (IO = 100 mA, f = 120 Hz, 12.5 V ≤VI ≤ 22.5 V) (IO = 300 mA, f = 120 Hz, 12.5 V ≤VI ≤ 22.5 V, TJ = 25°C) RR 56 56 − 80 − − dB Dropout Voltage (TJ = 25°C) VI−VO − 2.0 − Vdc Short Circuit Current Limit (TJ = 25°C, VI = 35 V) IOS − 350 − mA Average Temperature Coefficient of Output Voltage (IO = 5.0 mA) DVO/DT − ±0.2 − mV/ °C Peak Output Current (TJ = 25°C) IO − 700 − mA MC78M12C/AC/B/AB, NCV78M12B ELECTRICAL CHARACTERISTICS (VI = 19 V, IO = 350 mA, TJ = Tlow to Thigh, PD ≤ 5 W, unless otherwise noted) (Note 4) Characteristics Symbol Min Typ Max Unit Output Voltage (TJ = 25°C) MC78M12B/MC78M12C/NCV78M12B MC78M12AB/MC78M12AC VO 11.50 11.76 12 12 12.50 12.24 Vdc Output Voltage Variation (14.5 Vdc ≤ VI ≤ 27 Vdc, 5.0 mA ≤ IO ≤ 350 mA) MC78M12B/MC78M12C/NCV78M12B MC78M12AB/MC78M12AC VO 11.4 11.5 − − 12.6 12.5 Vdc Line Regulation (TJ = 25°C, 14.5 Vdc ≤ VI ≤ 30 Vdc, IO = 200 mA) Regline − 8.0 50 mV Load Regulation (TJ = 25°C, 5.0 mA ≤ IO ≤ 500 mA) (TJ = 25°C, 5.0 mA ≤ IO ≤ 200 mA) Regload − − 25 10 240 120 mV Input Bias Current (TJ = 25°C) IIB − 3.2 6.0 mA Quiescent Current Change (14.5 Vdc ≤ VI ≤ 30 Vdc, IO = 200 mA) (5.0 mA ≤ IO ≤ 350 mA) DIIB − − − − 0.8 0.5 mA Output Noise Voltage (TA = 25°C, 10 Hz ≤ f ≤ 100 kHz) Vn − 75 − mV Ripple Rejection (IO = 100 mA, f = 120 Hz, 15 V ≤VI ≤ 25 V) (IO = 300 mA, f = 120 Hz, 15 V ≤VI ≤ 25 V, TJ = 25°C) RR 55 55 − 80 − − dB Dropout Voltage (TJ = 25°C) VI−VO − 2.0 − Vdc Short Circuit Current Limit (TJ = 25°C, VI = 35 V) IOS − 350 − mA Average Temperature Coefficient of Output Voltage (IO = 5.0 mA) DVO/DT − ±0.3 − mV/ °C Peak Output Current (TJ = 25°C) IO − 700 − mA 4. Tlow =0°C for MC78MxxAC, C = −40 °C for MC78MxxAB, B, NCV78MxxAB, B Thigh = +125°C for MC78MxxAB, AC, B, C, NCV78MxxAB, B |
同様の部品番号 - MC78M18CDTRKG |
|
同様の説明 - MC78M18CDTRKG |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |