データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS8673EQ18 データシート(PDF) 4 Page - GSI Technology

部品番号 GS8673EQ18
部品情報  72Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8673EQ18 データシート(HTML) 4 Page - GSI Technology

  GS8673EQ18 Datasheet HTML 1Page - GSI Technology GS8673EQ18 Datasheet HTML 2Page - GSI Technology GS8673EQ18 Datasheet HTML 3Page - GSI Technology GS8673EQ18 Datasheet HTML 4Page - GSI Technology GS8673EQ18 Datasheet HTML 5Page - GSI Technology GS8673EQ18 Datasheet HTML 6Page - GSI Technology GS8673EQ18 Datasheet HTML 7Page - GSI Technology GS8673EQ18 Datasheet HTML 8Page - GSI Technology GS8673EQ18 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
GS8673EQ18/36BK-675/625/550/500
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.06 5/2012
4/31
© 2011, GSI Technology
Pin Description
Symbol
Description
Type
SA
Address—Read Address is registered on
↑CK and Write Address is registered on ↑CK.
Input
D[35:0]
Write Data—Registered on
↑KD and ↑KD during Write operations.
D[17:0]—x18 and x36.
D[35:18]—x36 only.
Input
Q[35:0]
Read Data—Driven by
↑CK and ↑CK, and synchronized with ↑CQ and ↑CQ during Read operations.
Q[17:0]—x18 and x36.
Q[35:18]—x36 only.
Output
QVLD[1:0]
Read Data Valid—Driven high one half cycle before valid Read Data.
Output
CK, CK
Primary Input Clocks—Dual single-ended. For Address and Control input latching, internal timing control,
and Read Data and Echo Clock output timing control.
Input
KD[1:0],
KD[1:0]
Write Data Input Clocks—Dual single-ended. For Write Data input latching.
KD0, KD0—latch Write Data (D[17:0] in x36, D[8:0] in x18).
KD1, KD1—latch Write Data (D[35:18] in x36, D[17:9] in x18).
Input
CQ[1:0],
CQ[1:0]
Echo Clocks—Free running source synchronous output clocks.
Output
R
Read Enable—Registered on
↑CK. R = 0 initiates a Read operation.
Input
W
Write Enable—Registered on
↑CK. W = 0 initiates a Write operation.
Input
ADZT1
Address and Write Data Input Termination Pull-Up Enable—Registered on
↑CK.
ADZT1 = 0: enables termination pull-up on Address (SA), Write Data (D) inputs.
ADZT1 = 1: disables termination pull-up on Address (SA), Write Data (D) inputs.
Input
DLL
DLL Enable—Weakly pulled High internally.
DLL = 0: disables internal DLL.
DLL = 1: enables internal DLL.
Input
RST
Reset—Holds the device inactive and resets the device to its initial power-on state when asserted High.
Weakly pulled Low internally.
Input
RLM[1:0]
Read Latency Select 1:0—Must be tied High or Low.
RLM[1:0] = 00: reserved.
RLM[1:0] = 01: selects 2.0 cycle Read Latency.
RLM[1:0] = 10: selects 3.0 cycle Read Latency.
RLM[1:0] = 11: reserved.
Input
ZQ
Output Driver Impedance Control Resistor Input—Must be connected to VSS through an external
resistor RQ to program output driver impedance.
Input
ZT
Input Termination Impedance Control Resistor Input—Must be connected to VSS through an external
resistor RT to program input termination impedance.
Input


同様の部品番号 - GS8673EQ18

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8673EQ18BGK-500I GSI-GS8673EQ18BGK-500I Datasheet
451Kb / 31P
   On-Chip ECC with virtually zero SER
GS8673EQ18BGK-550I GSI-GS8673EQ18BGK-550I Datasheet
451Kb / 31P
   72Mb SigmaQuad-IIIe Burst of 2 ECCRAM
GS8673EQ18BGK-550IS GSI-GS8673EQ18BGK-550IS Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ18BGK-625I GSI-GS8673EQ18BGK-625I Datasheet
451Kb / 31P
   On-Chip ECC with virtually zero SER
GS8673EQ18BGK-625IS GSI-GS8673EQ18BGK-625IS Datasheet
368Kb / 25P
   2Mb x 36 and 4Mb x 18 organizations available
More results

同様の説明 - GS8673EQ18

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8673ED36BK-625 GSI-GS8673ED36BK-625 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED18BGK-725S GSI-GS8673ED18BGK-725S Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED36BK-725IS GSI-GS8673ED36BK-725IS Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED18 GSI-GS8673ED18 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
GS8673ED36BGK-675I GSI-GS8673ED36BGK-675I Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED18BGK-625S GSI-GS8673ED18BGK-625S Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED36BGK-500I GSI-GS8673ED36BGK-500I Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED18BGK-675 GSI-GS8673ED18BGK-675 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED36BGK-625I GSI-GS8673ED36BGK-625I Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED36BK-675 GSI-GS8673ED36BK-675 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com