データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMBG51 データシート(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

部品番号 SMBG51
部品情報  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
ホームページ  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

SMBG51 データシート(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  SMBG51 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. SMBG51 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. SMBG51 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. SMBG51 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
Note:
(1) Mounted on minimum recommended pad layout
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance, junction to ambient (1)
RθJA
120
°C/W
Typical thermal resistance, junction to lead
RθJL
30
°C/W
SMBJ5.0 -SMBJ170CA
DEVICES FOR BI-DIRECTION APPLICATIONS
For bi-directional use C or CA suffix (e.g. SMAJ10C,
SMAJ10CA).
Electrical characteristics apply in both directions.
♦ Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
♦ For surface mounted applications in order to optimize
board space
♦ Low profile package
♦ Built-in strain relief
♦ Glass passivated junction
♦ Low incremental surge resistance
♦ 600W peak pulse power capability with a 10/1000µs
waveform, repetition rate (duty cycle): 0.01%
♦ Excellent clamping capability
♦ Fast response time: typically less than 1.0ps from 0 volts
to V(BR) for unidirectional and 5.0ns for bidirectional types
♦ For devices with V(BR)≥10V, ID are typically less
than 1.0
µA
♦ High temperature soldering guaranteed:
250°C/10 seconds at terminals
SYMBOLS
VALUE
UNITS
Peak pulse power dissipation with a 10/1000
µs waveform (NOTES 1, 2, FIG. 1)
PPPM
Minimum 600
Watts
Peak pulse current with a 10/1000
µs waveform (NOTE 1)
IPPM
SEE TABLE 1
Amps
Peak forward surge current 8.3ms single half sine-wave superimposed
on rated load (JEDEC Method) (NOTES 2, 3) - unidirectional only
IFSM
100.0
Amps
Maximum instantaneous forward voltage at 50A (NOTE 3) unidirectional only
VF
3.5
Volts
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C
NOTES:
(1) Non-repetitive current pulse, per Fig.3 and derated above TA=25°C per Fig. 2
(2) Mounted on 0.2 x 0.2” (5.0 x 5.0mm) copper pads to each terminal
(3) Measured on 8.3ms single half sine-wave. For uni-directional devices only.
10
DO-214AA (SMB)
0.083(2.11)
0.077(1.96)
0.155(3.94)
0.130(3.30)
0.180(4.57)
0.160(4.06)
0.096(2.44)
0.084(2.13)
0.060(1.52)
0.030(0.76)
0.012(0.305)
0.006(0.152)
0.220(5.59)
0.205(5.21)
0.008(0.203)
0.004(0.102)


同様の部品番号 - SMBG51

メーカー部品番号データシート部品情報
logo
General Semiconductor
SMBG51 GE-SMBG51 Datasheet
77Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBG51 MICROSEMI-SMBG51 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG51 MICROSEMI-SMBG51 Datasheet
139Kb / 3P
   UNI- AMD BI-DIRECTIONAL SURFACE MOUNT
SMBG51 MICROSEMI-SMBG51 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
SMBG51 VISHAY-SMBG51 Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results

同様の説明 - SMBG51

メーカー部品番号データシート部品情報
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com