データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP227AYMDA データシート(PDF) 8 Page - Analog Devices

部品番号 OP227AYMDA
部品情報  Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP227AYMDA データシート(HTML) 8 Page - Analog Devices

Back Button OP227AYMDA Datasheet HTML 4Page - Analog Devices OP227AYMDA Datasheet HTML 5Page - Analog Devices OP227AYMDA Datasheet HTML 6Page - Analog Devices OP227AYMDA Datasheet HTML 7Page - Analog Devices OP227AYMDA Datasheet HTML 8Page - Analog Devices OP227AYMDA Datasheet HTML 9Page - Analog Devices OP227AYMDA Datasheet HTML 10Page - Analog Devices OP227AYMDA Datasheet HTML 11Page - Analog Devices OP227AYMDA Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. A
OP227
–8–
FREQUENCY – Hz
25
1M
0
20
15
10
5
–5
10
10M
100M
GAIN
PHASE
MARGIN
= 70
TA = 25 C
VS = 15V
80
100
120
140
160
180
200
220
TPC 18. Gain, Phase Shift vs.
Frequency
FREQUENCY – Hz
28
1k
24
20
16
12
8
4
0
10k
100k
1M
10M
TA = 25 C
VS = 15V
TPC 21. Maximum Undistorted Output
vs. Frequency
500ns
10
0%
100
90
20mV
AVCL = +1, CL= 15pF
VS = 15V
TA = 25 C
+50mV
0V
–50mV
TPC 24. Small-Signal Transient
Response
TOTAL SUPPLY VOLTAGE – V
2.5
0
10
20
30
40
50
2.0
1.5
1.0
0.5
0.0
TA = 25 C
RL = 2k
RL = 1k
TPC 19. Open-Loop Gain vs. Supply
Voltage
CAPACITIVE LOAD – pF
100
0
80
60
40
20
0
500
1000
1500
2000
2500
VS = 615V
VIN = 100mV
AV = +1
TPC 22. Small-Signal Overshoot vs.
Capacitive Load
2 s
10
0%
100
90
2V
AVCL = +1
VS = 15V
TA = 25 C
+5V
0V
–5V
TPC 25. Large-Signal Transient
Response
LOAD RESISTANCE –
18
100
0
16
14
12
10
8
6
4
2
–2
1k
10k
POSITIVE
SWING
NEGATIVE
SWING
TS = 25 C
VS = 15V
TPC 20. Output Swing vs. Resistive
Load
TIME FROM OUTPUT SHORTED TO
GROUND – MINUTES
60
01
5
23
4
50
40
30
20
20
lSC(–)
lSC(+)
TA = 25
VS = 15V
TPC 23. Short-Circuit Current vs. Time
FREQUENCY – Hz
140
1k
120
100
80
60
10k
100k
1M
10M
TPC 26. Matching Characteristic
CMRR Match vs. Frequency


同様の部品番号 - OP227AYMDA

メーカー部品番号データシート部品情報
logo
Analog Devices
OP227 AD-OP227 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
logo
Linear Technology
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
   Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
logo
List of Unclassifed Man...
OP227GN ETC2-OP227GN Datasheet
100Kb / 9P
   MICROCIRCUIT, LINEAR, LOW NOISE OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
OP227 AD-OP227_15 Datasheet
487Kb / 16P
   Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
More results

同様の説明 - OP227AYMDA

メーカー部品番号データシート部品情報
logo
Analog Devices
OP227 AD-OP227_15 Datasheet
487Kb / 16P
   Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
OP-227 AD-OP-227 Datasheet
735Kb / 12P
   DUAL, LOW-NOISE LOW OFFSET INSTRUMENTATION OPERATIONAL AMPLIFIER
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
logo
Texas Instruments
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
[Old version datasheet]   Low Offset, Low Noise, RRO Operational Amplifier
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
   Dual Low Offset Operational Amplifier
logo
Texas Instruments
SM73308 TI1-SM73308 Datasheet
1Mb / 22P
[Old version datasheet]   SM73308 Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP-200 AD-OP-200 Datasheet
602Kb / 10P
   DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP200 AD-OP200_04 Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com