データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC807 データシート(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

部品番号 BC807
部品情報  Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
ホームページ  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

BC807 データシート(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  BC807 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. BC807 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
Ldeally suited for automatic insertion
epitaxial planar die construction
complementary NPN type available(BC817)
Marking
BC807-16
BC807-25
BC807-40
5A
5B
5C
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
-50
V
Collector-Emitter Voltage
V
CEO
-45
V
Emitter-Base Voltage
V
EBO
-5
V
Collector Current -Continuous
I
C
-500
mA
Collector Power Dissipation
PC
300
mW
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Max
Unit
Collector-base breakdown voltage
VCBO
IC= -10μA, IE=0
-50
V
Collector-emitter breakdown voltage
VCEO
IC= -10mA, IB=0
-45
V
Emitter-base breakdown voltage
VEBO
IE= -1μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB= -45V, IE=0
-0.1
u A
Collector cut-off current
ICEO
VCE= -40V, IB=0
-0.2
u A
Emitter cut-off current
IEBO
VEB= -4 V,
IC=0
-0.1
u A
DC current gain
807-16
807-25
807-40
hFE(1)
VCE= -1V, IC= -100mA
100
160
250
250
400
600
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB= -50mA
-0.7
V
Base-emitter saturation voltage
VBE(sat)
IC= -500mA, IB= -50mA
-1.2
V
Transition frequency
fT
VCE= -5V, IC= -10mA
f=100MHz
100
MHz
(PNP)
(PNP)
(PNP)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
BC807-16
BC807-25
BC807-40


同様の部品番号 - BC807

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BC807 PHILIPS-BC807 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 08
logo
Kingtronics Internation...
BC807 KINGTRONICS-BC807 Datasheet
296Kb / 2P
   Collector Base Voltage
logo
Diotec Semiconductor
BC807 DIOTEC-BC807 Datasheet
175Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Jinan Jing Heng Electro...
BC807 JINGHENG-BC807 Datasheet
1Mb / 5P
   PNP Plastic-Encapsulate Transistors
logo
KEC(Korea Electronics)
BC807 KEC-BC807 Datasheet
41Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

同様の説明 - BC807

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
   PLASTIC ENCAPSULATE TRANSISTORS
logo
GUANGDONG HOTTECH INDUS...
2SC4672 HOTTECH-2SC4672 Datasheet
175Kb / 2P
   Plastic-Encapsulate Transistors
2SB1260 HOTTECH-2SB1260 Datasheet
173Kb / 2P
   Plastic-Encapsulate Transistors
A44 HOTTECH-A44 Datasheet
304Kb / 2P
   Plastic-Encapsulate Transistors
BAS21 HOTTECH-BAS21 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SA812 HOTTECH-2SA812 Datasheet
306Kb / 2P
   Plastic-Encapsulate Transistors
MMBT5401 HOTTECH-MMBT5401 Datasheet
191Kb / 2P
   Plastic-Encapsulate Transistors
MMBTA05 HOTTECH-MMBTA05 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SC4115 HOTTECH-2SC4115 Datasheet
1Mb / 2P
   Plastic-Encapsulate Transistors
MMST2907A HOTTECH-MMST2907A Datasheet
202Kb / 2P
   Plastic-Encapsulate Transistors
MMST3906 HOTTECH-MMST3906 Datasheet
339Kb / 2P
   Plastic-Encapsulate Transistors
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com